Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA128 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA128
Description  Precision, Low Power INSTRUMENTATION AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA128 Datasheet(HTML) 2 Page - Texas Instruments

  INA128 Datasheet HTML 1Page - Texas Instruments INA128 Datasheet HTML 2Page - Texas Instruments INA128 Datasheet HTML 3Page - Texas Instruments INA128 Datasheet HTML 4Page - Texas Instruments INA128 Datasheet HTML 5Page - Texas Instruments INA128 Datasheet HTML 6Page - Texas Instruments INA128 Datasheet HTML 7Page - Texas Instruments INA128 Datasheet HTML 8Page - Texas Instruments INA128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
INA128
INA129
SBOS051B − OCTOBER 1995 − REVISED FEBRUARY 2005
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
±18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog Input Voltage Range
±40V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short-Circuit (to ground)
Continuous
. . . . . . . . . . . . . . . . . .
Operating Temperature
−40
°C to +125°C
. . . . . . . . . . . . . . . . . . .
Storage Temperature Range
−55
°C to +125°C
. . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
ELECTROSTATIC DISCHARGE SENSITIVITY
This integrated circuit can be damaged by
ESD. Texas Instruments recommends that all
integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance
degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage
because very small parametric changes could cause the
device not to meet its published specifications.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum located at the end of this data
sheet.
PIN CONFIGURATION
R
G
V−
IN
V+
IN
V−
R
G
V+
V
O
Ref
1
2
3
4
8
7
6
5
Top View
8-Pin DIP and SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com