Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC701 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # EPC701
Description  24V/50mA General-Purpose Output-Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC701 Datasheet(HTML) 3 Page - Espros Photonics corp

  EPC701 Datasheet HTML 1Page - Espros Photonics corp EPC701 Datasheet HTML 2Page - Espros Photonics corp EPC701 Datasheet HTML 3Page - Espros Photonics corp EPC701 Datasheet HTML 4Page - Espros Photonics corp EPC701 Datasheet HTML 5Page - Espros Photonics corp EPC701 Datasheet HTML 6Page - Espros Photonics corp EPC701 Datasheet HTML 7Page - Espros Photonics corp EPC701 Datasheet HTML 8Page - Espros Photonics corp EPC701 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
He
epc701/epc703
Connection Diagrams
Pin Connection CSP6 epc70x
LST
Top View
6
5
4
1
2
3
GND
SENS
IN
OUT
STATUS
V
DD
03.08.2010
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
PIN Connections QFN16-VEED-
1VN4
LST
03.08.2010
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
Top View
1
2
3
4
GND
IN
STATUS
V
DD
SENS
OUT
6-Pin Chip Scale Package (CSP)
16-Pin QFN Package
6-Pin
CSP
16-Pin
QFN
Pin Name
Description
1
8
GND
Negative power supply pin
2
7
IN
Input from the controller
3
5
STATUS
Output status signal to the controller
4
16
VDD
Positive power supply pin
5
14
SENS
Input either to switch internal/external mode or to measure the voltage drop on an external
shunt resistor to detect over-current
6
13
OUT
Output
n/a
1-4, 6,
9-12, 15
NC
Not connected. Connect these pins to GND.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
3
Datasheet epc701_703 - V2.2
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com