Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3JB Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # HS3JB
Description  High Efficient Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

HS3JB Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  HS3JB Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd HS3JB Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
Document Number 0147
Rev. 1.0, 22-Sep-11
www.21yangjie.com
HS3AB THRU HS3MB
高效整流二极管 High Efficient Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
● Io
3.0A
● VRRM
50V-1000V
● 耐正向浪涌电流能力高
High surge current capability
● 封装:模压塑料
Cases: Molded plastic
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
HS3
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Conditions
AB
BB
DB
GB
JB
KB
MB
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400 600 800
1000
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz ,电阻负载 ,
TL=110℃
60HZ Half-sine wave, Resistance
load, TL =110℃
3
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
150
结温
Junction Temperature
TJ
℃
-55~+150
储存温度
Storage Temperature
TSTG
℃
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
HS3
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
AB
BB
DB
GB
JB
KB
MB
正向峰值电压
Peak Forward Voltage
V
F
V
I
F=3.0A
1.0
1.3
1.7
最大反向恢复时间
Maximum reverse recovery
time
trr
ns
IF=0.5A,IR=1.0A,Irr=0.25A
50
75
I
RRM1
Ta =25℃
10
反向漏电流
Peak Reverse Current
I
RRM2
μA
VRM=VRRM
Ta =100℃
200
RθJ-A
结和环境之间
Between junction and ambient
47
1)
热阻(典型)
Thermal
Resistance(Typical)
RθJ-L
/W
℃
结和终端之间
Between junction and terminal
13
1)
备注:Notes:
1) 热阻从结到环境及从结到引线,在电路板的0.2" x 0.2" (5.0毫米 x 5.0毫米)铜垫片区
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper
pad areas
D im ensions in inches and (m illim eters)
DO-214AA(SMB)
.187(4.75)
.167(4.25)
.155(3.94)
.130(3.30)
.085(2.15)
.073(1.85)
.103(2.61)
.078(1.99)
.056(1.41)
.035(0.90)
.008(0.20)
.004(0.10)
.012(0.31)
.006(0.15)
0.081(2.072)
0.228
(5.80)
M ounting Pad Layout
0.069
(1.76)
0.107
(2.72)
.220(5.59)
.205(5.21)


Similar Part No. - HS3JB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3JB TSC-HS3JB Datasheet
249Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
HS3JB TSC-HS3JB Datasheet
136Kb / 2P
3.0AMPS High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS3JB LUGUANG-HS3JB Datasheet
243Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
RFE international
HS3JB RFE-HS3JB Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS3AB Through HS3MB
07-30-2020
More results

Similar Description - HS3JB

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGC10DH ZOWIE-EGC10DH Datasheet
61Kb / 2P
High Efficient Rectifier
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
High Efficient Rectifier
HS3A YANGJIE-HS3A Datasheet
144Kb / 2P
High Efficient Rectifier
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
High Efficient Rectifier
HER101GS YANGJIE-HER101GS Datasheet
196Kb / 2P
High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
High Efficient Rectifier
HER301 YANGJIE-HER301 Datasheet
209Kb / 2P
High Efficient Rectifier
HS2GA YANGJIE-HS2GA_17 Datasheet
161Kb / 2P
High Efficient Rectifier
logo
Zowie Technology Corpor...
BEGC20DH ZOWIE-BEGC20DH Datasheet
48Kb / 2P
High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com