Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD113 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2SD113
Description  SI NPN POWER BJT, I(C) = 20 A TO 49.9 A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2SD113 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2SD113 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2SD113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD113 ETC-2SD113 Datasheet
51Kb / 1P
SILICON NPN DEFFUSED JUNCTION TRANSISTOR
logo
Inchange Semiconductor ...
2SD113 ISC-2SD113 Datasheet
223Kb / 2P
isc Silicon NPN Power Transistor
logo
Hitachi Semiconductor
2SD1133 HITACHI-2SD1133 Datasheet
32Kb / 5P
Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SD1133 RENESAS-2SD1133 Datasheet
145Kb / 6P
Silicon NPN Triple Diffused
logo
Inchange Semiconductor ...
2SD1133 ISC-2SD1133 Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SD113

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SC1584 NJSEMI-2SC1584 Datasheet
75Kb / 1P
SI NPN POWER BJT, I(C) = 10 A TO 19.9A
2SC3552 NJSEMI-2SC3552 Datasheet
73Kb / 1P
SI NPN POWER BJT, I(C) = 10A TO 19.9A
2N1620 NJSEMI-2N1620 Datasheet
76Kb / 1P
Si NPN Power BJT, I(C) = S A to 9.9 A
2N2405 NJSEMI-2N2405 Datasheet
74Kb / 1P
SI NPN POWER BJT, I(C) = 1 A TO 2. 4 A
2N2197 NJSEMI-2N2197 Datasheet
86Kb / 1P
SI NPN POWER BJT , I(C) = A TO 2.4 A
2N2102 NJSEMI-2N2102 Datasheet
80Kb / 1P
SI NPN POWER BJT, I(C) = 1A TO 2.4 A
2N3861 NJSEMI-2N3861 Datasheet
87Kb / 1P
SI NPN POWER BJT, I(C) < 1A
2N3902 NJSEMI-2N3902 Datasheet
79Kb / 1P
SI NPN POWER BJT, I(C) = 2.5A TO 4.9A
2N5575 NJSEMI-2N5575 Datasheet
77Kb / 1P
SI NPN POWER BJT, I(C)
2N5578 NJSEMI-2N5578 Datasheet
122Kb / 1P
SI NPN POWER BJT, I(C)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com