Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2500 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2500
Description  3M??Four-Wall Header
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2500 Datasheet(HTML) 1 Page - 3M Electronics

  2500 Datasheet HTML 1Page - 3M Electronics 2500 Datasheet HTML 2Page - 3M Electronics 2500 Datasheet HTML 3Page - 3M Electronics 2500 Datasheet HTML 4Page - 3M Electronics 2500 Datasheet HTML 5Page - 3M Electronics 2500 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MFour-Wall Header
2500 Series
• Low profile, space saving design
• Centerslotpolarizationpreventsmis-insertionsandreduces
insertiontime
• Dualslotpolarizationmeansbroadercompatibilitywith
competitivepolarizationdesigns(not8or10pos.)
• Optionalretainerclipforlockingsocketsinplaceandincreasing
connectionreliabilityinvibration-proneenvironments
• Optionalhightemperatureinsulatorsuitablefor“nolead”
solderingoperations
• Hightemperatureoptioninthrough-holeversionsuitablefor
“pasteinhole”reflowsolderingtechniques
• Exposedsoldertails(onrightangleversion)provideeaseof
cleaningandreducedrepaircosts
• Straightsurfacemountversionavailable
• SeetheRegulatoryInformationAppendix(RIA)inthe“RoHS
Compliance”sectionofwww.3Mconnector.comforcompliance
information
.
Date Modified: August 26, 2011
TS-0770-K
Sheet 1 of 5
Physical
Insulator
Material:
Glass Filled Polyester (PBT),
Glass Filled Polyester (PCT) - High Temperature Option
Flammability: UL 94V-0
Color: Gray (PBT) or Black (PCT)
Contact Material: Copper Alloy
Plating
Underplating: 100 µ” [ 2.54 µm ] Nickel - Overall
Wiping Area: Gold (See Ordering Information)
Solder Tails: 200 µ” [ 5.08 µm ] Tin Lead or Matte Tin (See Ordering Information)
Marking: 3M Logo, Part Identification Number and Orientation Triangle
Electrical
Current Rating: 5.00 A, 1 Contact Powered
3.00 A, 6 Contacts Powered
1.75 A, All Contacts Powered
Rating Conditions: EIA-364-070 Method 2, 30°C maximum temperature rise, 20% derated.
Reference appropriate 3M Product Specification for detailed current derating curves.
Insulation Resistance: >1 x 109 Ω at 500 V
DC
Withstanding Voltage: 1000 V
RMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
Process Rating: High Temp PCT insulator version: 260°C, per J-STD-020C, single pass
PBT insulator version: 191°C, maximum insulator temperature, solder wave
process only
Moisture Sensitivity Level: 1 (per J-STD-020C)
UL File No.: E68080
.
100”x .100”LowProfile,SMTStraight,StraightandRtAngleThrough-Hole


Similar Part No. - 2500

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
2500 WELWYN-2500 Datasheet
87Kb / 1P
Low Value Metal Film Resistors
logo
Switchcraft, Inc.
2500 SWITCH-2500 Datasheet
56Kb / 1P
LONG FRAME (1/4) TWIN ROW JACK PANELS
logo
List of Unclassifed Man...
2500 ETC2-2500 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Laird Tech Smart Techno...
2500 LSTD-2500 Datasheet
721Kb / 2P
Thermal Grease
logo
Moxa Inc.
2500 MOXA-2500 Datasheet
1Mb / 8P
Smart Ethernet remote I/O with Click&Go Plus logic
More results

Similar Description - 2500

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2514-6002-UB 3M-2514-6002-UB Datasheet
1Mb / 6P
3M??Four-Wall Header .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
3431-D002 3M-3431-D002 Datasheet
910Kb / 5P
3M??Three-Wall Condo Header .100 횞 .100 Right Angle
80400031292 3M-80400031292 Datasheet
1Mb / 6P
3M??Four-Wall Header .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
3793 3M-3793 Datasheet
682Kb / 5P
3M Pak 100 4-Wall Header
3000 3M-3000 Datasheet
682Kb / 5P
3M??Pak 100 4-Wall Header
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight, Compliant Pin
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
N2524-6002RB 3M-N2524-6002RB Datasheet
1Mb / 6P
3M??Four-Wall Header .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
3015TWF 3M-3015TWF Datasheet
250Kb / 3P
3M??Air & Vapor Through Wall Flashing Tape
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com