Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7714 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP7714
Description  Quad Channel Digital PWM Step Down Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7714 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP7714 Datasheet HTML 3Page - Exar Corporation XRP7714 Datasheet HTML 4Page - Exar Corporation XRP7714 Datasheet HTML 5Page - Exar Corporation XRP7714 Datasheet HTML 6Page - Exar Corporation XRP7714 Datasheet HTML 7Page - Exar Corporation XRP7714 Datasheet HTML 8Page - Exar Corporation XRP7714 Datasheet HTML 9Page - Exar Corporation XRP7714 Datasheet HTML 10Page - Exar Corporation XRP7714 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
X
XR
RP
P7
77
71
14
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerr
© 2011 Exar Corporation
7/29
Rev. 1.1.6
Name
Pin Number
Description
GL1-GL4
35,30,17,22 Output pin of the low side gate driver. Connect directly to the respective gate of an external N-
channel MOSFET.
GH1-GH4
33,28,19,24 Output pin of the high side gate driver. Connect directly to the respective gate of an external N-
channel MOSFET.
LX1-LX4
34,29,18,23
Lower supply rail for the high-side gate driver (GHx). Connect this pin to the switching node at
the junction between the two external power MOSFETs and the inductor. These pins are also
used to measure voltage drop across bottom MOSFETs in order to provide output current
information to the control engine.
BST1-BST4 32,27,20,25
High side driver supply pin(s). Connect BST to an external boost diode and a capacitor as
shown in the front page diagram. The high side driver is connected between the BST pin and LX
pin.
GPIO0-
GPIO3
3,4,5,6
These pins can be configured as inputs or outputs to implement custom flags, power good
signals and enable/disable controls. A GPIO pin can also be programmed as an input clock
synchronizing IC to external clock. Refer to the “GPIO Pins” Section and the “External Clock
Synchronization” Section for more information.
GPIO4_SDA,
GPIO5_SCL
7,8
I2C serial interface communication pins. These pins can be re-programmed to perform GPIO
functions in applications when I2C bus is not used.
VOUT14
12,13,14,15 Voltage sense. Connect to the output of the corresponding power stage.
LDOOUT
40
Output of the Standby LDO. It can be configured as a 5V or 3.3V output. This pin should be
bypassed with a minimum of 2.2uF.
ENABLE
9
If ENABLE is pulled high, the chip powers up (logic reset, registers configuration loaded, etc.).
If pulled low for longer than 100us, the XRP7714 is placed into shutdown.
AGND
Exposed Pad Analog Ground. Connect to analog ground (as noted above for pin 11).
ORDERING INFORMATION
Part Number
Junction Temp
Range
Marking
Package
Packing
Quantity
Note 1
Default I2C
Address
XRP7714ILB- F
-40°C≤TJ≤+125°C XRP7714ILB
YYWW X
40-pin TQFN
Bulk
Halogen Free
XRP7714ILBTR-F
-40°C≤TJ≤+125°C XRP7714ILB
YYWW X
40-pin TQFN
3K/Tape & Reel Halogen Free
XRP7714ILB-0X10-F
-40°C≤TJ≤+125°C
XRP7714ILB
YYWW X
0X10
40-pin TQFN
Bulk
Halogen Free
0X10
XRP7714ILBTR-0X10-F -40°C≤TJ≤+125°C
XRP7714ILB
YYWW X
0X10
40-pin TQFN
3K/Tape & Reel Halogen Free
0X10
XRP7714ILB-0X14-F
-40°C≤TJ≤+125°C
XRP7714ILB
YYWW X
0X14
40-pin TQFN
Bulk
Halogen Free
0X14
XRP7714ILBTR-0X14-F -40°C≤TJ≤+125°C
XRP7714ILB
YYWW X
0X14
40-pin TQFN
3K/Tape & Reel Halogen Free
0X14
XRP7714ILB-0X18-F
-40°C≤TJ≤+125°C
XRP7714ILB
YYWW X
0X18
40-pin TQFN
Bulk
Halogen Free
0X18
XRP7714ILBTR-0X18-F -40°C≤TJ≤+125°C
XRP7714ILB
YYWW X
0X18
40-pin TQFN
3K/Tape & Reel Halogen Free
0X18
XRP7714ILB-0X1C-F
-40°C≤TJ≤+125°C
XRP7714ILB
YYWW X
0X1C
40-pin TQFN
Bulk
Halogen Free
0X1C
XRP7714ILBTR-0X1C-F -40°C≤TJ≤+125°C
XRP7714ILB
YYWW X
0X1C
40-pin TQFN
3K/Tape & Reel Halogen Free
0X1C
XRP7714EVB
XRP7714 Evaluation Board
“YY” = Year – “WW” = Work Week – “X” = Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com