Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3FS-4002P Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3FS-4002P
Description  SMD Tactile Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3FS-4002P Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3FS-4002P Datasheet HTML 1Page - Omron Electronics LLC B3FS-4002P Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
New Product News
1
SMD Tactile Switch
B3FS-4
Surface-mounting Switches
with 12 x 12 mm size
• Surface-mounting device of B3F-4 series.
• Distinctive snapping action and extended mechanical/electrical
durability.
• Available in embossed taping packages for automatic mounting.
■ Ordering Information
● List of Models
Note: Order in multiples of the minimum order unit. Switches are not sold individually.
■ Specifications
● Ratings/Characteristics
● Operating Characteristics
■ Dimensions
Note: 1. All units are in millimeters unless otherwise indicated. Unless otherwise specified, a tolerance of
0.4 mm applies to all dimensions.
Note: 2. The numbers used for terminals in the following graphics are indicated in the “Bottom View” diagram in the right. In this diagram, the Switch is
rotated so that the terminals are on the right and left-hand sides, and the OMRON logo appears the right way up.
RoHS Compliant
Type
Plunger type
Height
Operating force (OF)
Plunger color
Embossed taping
Model
Quantity per package
12 x 12 mm
B3FS-4002P
4.3 mm
1.47 N
Black
B3FS-4002P
1,000
Switching capacity
1 to 50 mA, 5 to 24 VDC (resistive load)
Ambient operating temperature
-25 to +70 degC at 60%RH max.
(with no icing or condensation)
Ambient operating humidity
35 to 85%RH (at +5 to +35 degC)
Contact configuration
SPST-NO
Contact resistance
100 m
max. (initial value)
(rated: 1 mA, 5 VDC)
Insulation resistance
100 M
(at 250 VDC)
Dielectric strength
500 VAC 50/60Hz for 1min
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double
amplitude
Shock resistance
Destruction: 1,000 m/s2 {approx. 100 G} max.
Malfunction: 100 m/s2 {approx. 10 G} max.
Durability
3,000,000 operations min.
Weight
Approx. 1 g
Model
Item
B3FS-4002P
Operating force (OF)
1.47
0.49N {15050 gf}
Releasing force (RF)
0.15 N {15 gf} min.
Pretravel (PT)
0.25
0.15 mm
12±0.2
15
1
1
5±0.2
12±0.2
4.3±0.2
MAX0.4
0.1
ø7.1
4
2
3
1
16.6±0.1
12±0.1
2.6±0.1 7.4±0.1
B3FS-4002P
PCB Pad (Example)
(TOP VIEW)
Terminal Arrangement/
Internal Connection
(Top View)
2
4
1
3
(BOTTOM VIEW)


Similar Part No. - B3FS-4002P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3FS-1000 OMRON-B3FS-1000 Datasheet
610Kb / 4P
Tactile Switch (SMD)
B3FS-1000 OMRON-B3FS-1000 Datasheet
562Kb / 4P
Tactile Switch (SMD)
B3FS-1000 OMRON-B3FS-1000 Datasheet
282Kb / 4P
Surface-mounting Switches Ideal for High-density Mounting
B3FS-1000P OMRON-B3FS-1000P Datasheet
610Kb / 4P
Tactile Switch (SMD)
logo
Renesas Technology Corp
B3FS-1000P RENESAS-B3FS-1000P Datasheet
538Kb / 18P
Sample Program (Remote Control Transmission/Reception)
More results

Similar Description - B3FS-4002P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3FS OMRON-B3FS Datasheet
610Kb / 4P
Tactile Switch (SMD)
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3SN OMRON-B3SN Datasheet
353Kb / 4P
Tactile Switch (SMD)
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
B3FS OMRON-B3FS_10 Datasheet
562Kb / 4P
Tactile Switch (SMD)
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com