Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54RFG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54RFG
Description  200mW SMD Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54RFG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT54RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT54 / A / C / S
200mW SMD Schottky Barrier Diode
Small Signal Diode
Electrical Characteristics
IR=
IF=
IF=
IF=
IF=
IF=
Reverse current
VR=
Total Capacitance
Tape & Reel specification
V
1mA
10mA
100mA
--
0.40
--
0.80
Reel width
W1
12.30 ±0.20
D1
55 Min
Feed hole width
Carrier length
B
2.77 ±0.10
Dimension(mm)
Carrier width
A
3.15 ±0.10
Item
Symbol
Reel inner diameter
Carrier depth
C
1.22 ±0.10
1.50 ± 0.10
Reel outside diameter
D
178 ± 1
Sprocket hole
d
0.229 ±0.013
D2
13.0 ± 0.20
Sprocke hole position
E
1.75 ±0.10
Punch hole position
Sprocke hole pitch
F
3.50 ±0.05
Tape width
W
8.10 ±0.20
P0
4.00 ±0.10
Embossment center
P1
2.00 ±0.05
Overall tape thickness
T
--
VR=1V,
f=1.0MHz
Reverse Breakdown Voltage
100μA
0.1mA
30mA
25V
Reverse Recovery Time
IF=IR=10mA, RL=100Ω, IRR=1mA
V(BR)
CT
μA
pF
nS
10
5.0
trr
IR
Units
V
V
V
V
V
Max
Min
--
0.24
0.50
2.0
0.32
--
Symbol
Type Number
--
30
--
--
Forward Voltage
VF
--
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Version : D11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com