Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SB40 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # D2SB40
Description  Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

D2SB40 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  D2SB40 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd D2SB40 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UL Recoganized File # E-326243
Glass passivated junction
High case dielectric strength
High surge current capability
Mechanical Data
D2SBXX
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
D2SB
05
D2SB
10
D2SB
20
D2SB
40
D2SB
60
D2SB
80
Unit
VRRM
50
100
200
400
600
800
V
VRMS
35
70
140
280
420
560
V
VDC
50
100
200
400
600
800
V
IFSM
A
VF
V
TJ
OC
TSTG
OC
2A
Typical Thermal Resistance (Note 2)
RθjA
RθjL
47
10
OC/W
Maximum Average Forward Rectified Current
@ TA=50℃
IF(AV)
Rating of fusing ( t<8.3ms)
( t<10ms)
Weight: 2.0 grams
Type Number
Mounting position: Any
- 55 to + 150
Operating Temperature Range
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Note 2 : Units Mounted In Free Air No Heat Sink On PCB 0.5" x 0.5"(12x12mm) Copper Pads,
0.375"(9.5mm) Lead Length.
D2SB05-D2SB80
Marking Diagram
GBL
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
Plastic material has Underwriters laboratory
flammability Classification 94V-0
Features
Ideal for printed circuit board
High temperature soldering guaranteed:
260℃/10 seconds / .375", (9.5mm)
lead lengths.
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208
Storage Temperature Range
- 55 to + 150
uA
80
10
500
27
32
A
2S
Maximum Instantaneous Forward Voltage
@2.0A
I
2T
Version:F10
Case: Molded plastic body
Maximum DC Reverse Current at Rated DC Block
Voltage (Note 1)
@TA=25℃
@TA=125℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Note 1 : Pulse Test with PW=300 usec, 1% Duty Cycle
1.1
Dimensions in inches and (millimeters)
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - D2SB40

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
D2SB40 TSC-D2SB40 Datasheet
44Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Rugao Dachang Electroni...
D2SB40 DACHANG-D2SB40 Datasheet
128Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800 V Forward Current 1.5A
logo
Taiwan Semiconductor Co...
D2SB40 TSC-D2SB40 Datasheet
194Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
D2SB40 DACHANG-D2SB40 Datasheet
128Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
SUNMATE electronic Co.,...
D2SB40 SUNMATE-D2SB40 Datasheet
459Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - D2SB40

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GBP2005 YANGJIE-GBP2005 Datasheet
272Kb / 2P
SINGLE PHASE 2.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DBL201G TSC-DBL201G_11 Datasheet
133Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
DBLS201G TSC-DBLS201G Datasheet
129Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
GBL201 TSC-GBL201_11 Datasheet
137Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
UR2KB60 TSC-UR2KB60_11 Datasheet
212Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Chongqing Pingwei Enter...
RL201G CHONGQING-RL201G_16 Datasheet
178Kb / 1P
2.0AMPS .GLASS PASSIVATED RECTIFIERS
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com