Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ES1C
Description  1.0AMP. Surface Mount Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES1C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Glass passivated junction chip
For surface mounted application
Low profile package
Built-in strain rellef
Ideal for automated placement
Easy pick and place
Super fast recovery time for high efficiency
Glass passivated chip junction
Qualified as per AEC-Q101
ES1X = Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
ES
1A
ES
1B
ES
1C
ES
1D
ES
1F
ES
1G
ES
1H
ES
1J
Units
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
uA
uA
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
1
Version:G11
- 55 to + 150
Typical Junction Capacitance (Note 3)
16
18
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
ES1A - ES1J
1.0AMP. Surface Mount Super Fast Rectifiers
Marking Diagram
SMA/DO-214AC
Dimensions in inches and (millimeters)
V
VF
0.95
1.3
Features
Weight: 0.064 grams
Type Number
Maximum Average Forward Rectified Current
Polarity: Indicated by cathode band
Note 3: Measured at 1 MHz and Applied VR=4.0 Volts
Mechanical Data
High temperature soldering:
260℃/10 seconds at terminals
Packing: 12mm tape per EIA STD RS-481
Terminals: Pure tin plated, lead free
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Cases: Molded plastic
OC/W
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
30
A
5
100
Maximum Reverse Recovery Time (Note 2)
35
Maximum DC Reverse Current at Rated
@ T A=25 ℃
DC Blocking Voltage
@ T A=125 ℃
1.7
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
Maximum Thermal Resistance
RθJA
RθJL
85
35
IR
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - ES1C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1C PANJIT-ES1C Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
NXP Semiconductors
ES1C PHILIPS-ES1C Datasheet
59Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
ES1C PHILIPS-ES1C Datasheet
52Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
ES1C SURGE-ES1C Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Transys Electronics
ES1C TRSYS-ES1C Datasheet
184Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results

Similar Description - ES1C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
1.0AMP Surface Mount Fast Recovery Rectifiers
SUF101A SECOS-SUF101A Datasheet
240Kb / 2P
1.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF101B SECOS-SUF101B Datasheet
209Kb / 2P
1.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
ESH1B TSC-ESH1B Datasheet
136Kb / 2P
1.0AMP Surface Mount Super Fast Rectifiers
ES1AL TSC-ES1AL_11 Datasheet
198Kb / 2P
1.0AMP. Surface Mount Super Fast Rectifiers
ES1A TSC-ES1A_13 Datasheet
445Kb / 4P
1.0AMP. Surface Mount Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
RS1A CHONGQING-RS1A_16 Datasheet
198Kb / 1P
1.0AMP. FAST RECOVERY SURFACE MOUNT RECTIFIERS
E1AFEA CHONGQING-E1AFEA Datasheet
179Kb / 1P
1.0AMP. SURFACE MOUNT SUPER FAST RECTIFIERS
ES07A CHONGQING-ES07A Datasheet
181Kb / 1P
1.0AMP. SURFACE MOUNT SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com