Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ES2G
Description  2.0AMPS. Surface Mount Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES2G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES2G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES2G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Glass passivated junction chip
For surface mounted application
Low profile package
Built-in strain rellef
Ideal for automated placement
Easy pick and place
Super fast recovery time for high efficiency
Glass passivated chip junction
Qualigied as per AEC-Q101
ES2X
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
ES
2A
ES
2B
ES
2C
ES
2D
ES
2F
ES
2G
ES
2H
ES
2J
Units
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
uA
uA
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
10
350
Maximum DC Blocking Voltage
2
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
50
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ T A=125 ℃
Version:E11
- 55 to + 150
Typical Junction Capacitance (Note 3)
25
20
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
ES2A - ES2J
2.0AMPS. Surface Mount Super Fast Rectifiers
Marking Diagram
SMB/DO-214AA
Dimensions in inches and (millimeters)
A
V
VF
0.95
Features
Weight: 0.093 grams
Type Number
Maximum Average Forward Rectified Current
Polarity: Indicated by cathode band
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Mechanical Data
High temperature soldering:
260℃/10 seconds at terminals
Packing: 12mm tape per EIA STD RS-481
Terminals: Pure tin plated, lead free
Cases: Molded plastic
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Maximum Thermal Resistance
RθJA
RθJL
75
20
OC/W
Maximum Reverse Recovery Time (Note 2)
35
IR
1.7
Maximum Instantaneous Forward Voltage (Note 1)
@ 2 A
1.3
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - ES2G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2G JGD-ES2G Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2G SSE-ES2G Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
ES2G DIODES-ES2G Datasheet
57Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. A-2
logo
General Semiconductor
ES2G GE-ES2G Datasheet
81Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
logo
Micro Commercial Compon...
ES2G MCC-ES2G Datasheet
902Kb / 3P
2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - ES2G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ESH2B TSC-ESH2B Datasheet
136Kb / 2P
2.0AMPS Surface Mount Super Fast Rectifiers
ES2AA TSC-ES2AA_11 Datasheet
196Kb / 2P
2.0AMPS Surface Mount Super Fast Rectifiers
SF21G TSC-SF21G_11 Datasheet
190Kb / 2P
2.0AMPS. Glass Passivated Super Fast Rectifiers
SS22M TSC-SS22M_12 Datasheet
212Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifiers
ES2A TSC-ES2A_13 Datasheet
436Kb / 4P
2.0AMPS. Surface Mount Super Fast Rectifiers
SF21 TSC-SF21_13 Datasheet
426Kb / 4P
2.0AMPS. Super Fast Rectifiers High reliability
logo
First Components Intern...
HERS201G FCI-HERS201G Datasheet
531Kb / 2P
2.0Amps Surface Mount Glass Passivated Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
ES2A-ES2K JUXING-ES2A-ES2K Datasheet
1Mb / 2P
2.0AMPS Surface Mount Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
RS2A CHONGQING-RS2A_16 Datasheet
178Kb / 1P
2.0AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
ES2A CHONGQING-ES2A_16 Datasheet
177Kb / 1P
2.0AMPS. SUPER FAST SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com