Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3H Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ES3H
Description  3.0AMPS Surface Mount Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES3H Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES3H Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES3H Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Glass passivated junction chip
For surface mounted application
Low profile package
Built-in strain rellef, Ideal for automated placement
Easy pick and place
Esuper fast recovery time for high efficiency
High reliability grade (AEC Q101 specified)
ES3X = Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbo
l
ES
3A
ES
3B
ES
3C
ES
3D
ES
3F
ES
3G
ES
3H
ES
3J
Units
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
Cj
pF
Trr
nS
TJ
OC
TSTG
OC
A
V
Maximum Instantaneous Forward Voltage (Note 1)
@ 3 A
VF
0.95
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
10
47
12
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (IEDEC method)
IFSM
100
500
Maximum DC Blocking Voltage
3
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=100 ℃
IR
1.7
1.3
30
Note 3: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
35
Typical Thermal Resistance
RθjA
RθjL
OC/W
Features
Polarity: Color band denotes cathode
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
Version:F11
ES3A - ES3J
3.0AMPS Surface Mount Super Fast Rectifiers
Marking Diagram
Dimensions in inches and (millimeters)
SMC/DO-214AB
Weight: 0.21 grams
Type Number
Maximum Average Forward Rectified see fig. 1
uA
Typical Reverse Recovery Time (Note 3)
- 55 to + 150
Typical Junction Capacitance (Note 2)
45
Mechanical Data
High temperature soldering guaranteed:
260℃/10 seconds at terminals
Packing: 16mm tape per EIA STD RS-481
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminals: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - ES3H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES3H TSC-ES3H Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
ES3H TSC-ES3H Datasheet
273Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
ES3H TSC-ES3H Datasheet
601Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
ES3H LUGUANG-ES3H Datasheet
243Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
logo
Guangdong Juxing Electr...
ES3H JUXING-ES3H Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
More results

Similar Description - ES3H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UG38G TSC-UG38G Datasheet
127Kb / 2P
3.0AMPS. Glass Passivated Super Fast Rectifiers
ESH3B TSC-ESH3B Datasheet
152Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
S3A TSC-S3A_11 Datasheet
217Kb / 2P
3.0AMPS Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
ES3A LUGUANG-ES3A Datasheet
243Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
FS3A LUGUANG-FS3A Datasheet
247Kb / 2P
3.0AMPS. Surface Mount Fast Recovery Rectifiers
RS3A LUGUANG-RS3A Datasheet
214Kb / 2P
3.0AMPS. Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
ES3A TSC-ES3A_13 Datasheet
289Kb / 4P
3.0AMPS Surface Mount Super Fast Rectifiers
S3GR6 TSC-S3GR6 Datasheet
211Kb / 2P
3.0AMPS Surface Mount Rectifiers
31DF4 TSC-31DF4_14 Datasheet
423Kb / 4P
3.0AMPS. Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31_16 Datasheet
178Kb / 1P
3.0AMPS. SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com