Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HS1D
Description  1.0AMP High Efficient Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS1D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HS1D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS1D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by ART
Glass passivated junction chip.
For surface mounted application
Low forward voltage drop
Low profile package
Fast switching for high efficiency
HS1X = Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
HS
1A
HS
1B
HS
1D
HS
1F
HS
1G
HS
1J
HS
1K
HS
1M
Units
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF(AV)
A
Trr
nS
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
IFSM
30
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
1
Typical Junction Capacitance (Note 3)
Maximum Reverse Recovery Time (Note 2)
Maximum DC Reverse
@ TA=25 ℃
Current at Rated DC
@ T A=100 ℃
Blocking Voltage
@ T A=125 ℃
IR
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
- 55 to + 150
Version:F11
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0Volts.
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Packing: 12mm tape per EIA STD RS-481
HS1A - HS1M
1.0AMP High Efficient Surface Mount Rectifiers
Marking Diagram
SMA/DO-214AC
Built-in stain relief, ideal for automatic
placement
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminal: Pure tin plated, lead free
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Dimensions in inches and (millimeters)
Features
Polarity: Indicated by cathode band
Mechanical Data
High temperature soldering:
260℃/10 seconds at terminals
Cases: Molded plastic
1.3
1.7
70
5
150
50
50
75
20
15
A
uA
Weight: 0.064 grams
Typical Thermal Resistance
Type Number
Maximum Average Forward Rectified Current
See Fig. 1
V
1.0
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - HS1D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1D TSC-HS1D Datasheet
66Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
HS1D TSC-HS1D Datasheet
133Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
logo
GOOD-ARK Electronics
HS1D GOOD-ARK-HS1D Datasheet
192Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Taiwan Semiconductor Co...
HS1D TSC-HS1D Datasheet
471Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS1D YANGJIE-HS1D Datasheet
143Kb / 2P
High Efficient Rectifier
More results

Similar Description - HS1D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
US1A TSC-US1A_11 Datasheet
151Kb / 2P
1.0AMP. High Efficient Surface Mount Rectifiers
S1A TSC-S1A_11 Datasheet
196Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
US1A LUGUANG-US1A Datasheet
196Kb / 2P
1.0AMP. Surface Mount High Efficient Rectifiers
HER101 LUGUANG-HER101 Datasheet
207Kb / 3P
1.0AMP. High Efficient Rectifiers
logo
Hi-Sincerity Mocroelect...
HSK400X HSMC-HSK400X Datasheet
147Kb / 3P
1.0AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
HS1AL TSC-HS1AL Datasheet
359Kb / 4P
1.0AMP High Efficient Surface Mount Rectifiers
S1GM TSC-S1GM Datasheet
312Kb / 4P
1.0AMP Surface Mount Rectifiers
US1A TSC-US1A_13 Datasheet
294Kb / 4P
1.0AMP. High Efficient Surface Mount Rectifiers
US1MR2 TSC-US1MR2 Datasheet
212Kb / 2P
1.0AMP. High Efficient Surface Mount Rectifiers
S1AB TSC-S1AB_13 Datasheet
252Kb / 4P
1.0AMP Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com