Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448L0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LL4448L0
Description  500mW High Speed SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4448L0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LL4448L0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4448L0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL4448L0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LL4148/LL4448/LL914B
500mW High Speed SMD Switching Diode
Small Signal Diode
Fast switching device(Trr<4.0nS)
Surface device type mounting
Moisture sensitivity level 1
Matte Tin (Sn) Terminal Finish
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : Mini-MELF Package (JEDEC DO-213AC)
3.30
3.70
0.130
0.146
High temperature soldering guaranteed : 270°C/10s
1.40
1.60
0.055
0.063
0.25
0.40
0.010
0.016
1.25
1.40
0.049
0.055
Suggested PAD Layout
Package
LL34
LL34
LL34
LL34
LL34
LL34
Maximum Ratings
Notes:1. Test Condition : 8.3ms Single half Sine-Wave Superimposed on Rated Load (JEDEC Method)
Notes:2. Valid provided that electrodes are kept at ambient temperature
Repetitive peak Forward Current
IFRM
500
mA
Part No.
LL4148 L0
LL4448 L0
Packing
10K / 13" Reel
10K / 13" Reel
2.5K / 7" Reel
Peak Forward Surge Current (Note 1) tp=1us
LL4148 L1
LL4448 L1
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
LL914B L1
2.5K / 7" Reel
2.5K / 7" Reel
VR
Power Dissipation
Repetitive Peak Reverse Voltage
Symbol
Reverse Voltage
PD
VRRM
Junction and Storage Temperature Range
Mean Forward Current
IFM
IF(AV)
TJ, TSTG
RθJA
Thermal Resistance (Junction to Ambient) (Note 2)
Non-Repetitive Peak Forward Current
Forward Continuous Current
IF
mA
°C
-65 to + 200
450
150
°C/W
300
mA
300
mA
75
D
500
100
Mini-MELF (LL34)
Units
V
V
mW
HERMETICALLY SEALED GLASS
Weight : approx. 31 mg
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Unit (mm)
Dimensions
A
B
C
All External Surfaces are Corrosion Resistant and
Leads are Readily Solderable
Value
Unit (inch)
IFSM
2A
Polarity : Indicated by cathode band
Ordering Information
LL914B L0
10K / 13" Reel
2.00
0.079
2.50
0.098
1.25
0.049
0.197
5.00
Version : F11


Similar Part No. - LL4448L0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4448L0 TSC-LL4448L0 Datasheet
104Kb / 2P
500mW High Speed SMD Switching Diode
LL4448L0 TSC-LL4448L0 Datasheet
206Kb / 3P
500mW High Speed SMD Switching Diode
More results

Similar Description - LL4448L0

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148_09 Datasheet
104Kb / 2P
500mW High Speed SMD Switching Diode
LS4148 TSC-LS4148_09 Datasheet
106Kb / 2P
500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_10 Datasheet
206Kb / 3P
500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_12 Datasheet
330Kb / 3P
500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_12 Datasheet
330Kb / 3P
500mW High Speed SMD Switching Diode
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
500mW High Speed SMD Switching Diode
LS4148 TSC-LS4148_15 Datasheet
221Kb / 4P
500mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG_14 Datasheet
208Kb / 4P
500mW High Speed SMD Switching Diode
TS4148RYG TSC-TS4148RYG_14 Datasheet
189Kb / 4P
500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com