Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSFAL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RSFAL
Description  0.5AMP. Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RSFAL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RSFAL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RSFAL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
For surface mounted application
Glass passivated junction chip
Fast switching for high efficiency
FXL
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
RSF
AL
RSF
BL
RSF
DL
RSF
GL
RSF
JL
RSF
KL
RSF
ML
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
Trr
250
nS
Cj
pF
TJ
OC
TSTG
OC
Packing: 8mm / 12mm tape per EIA STD RS-481
V
A
0.5
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
10
A
500
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Repetitive Peak Reverse Voltage
Maximum Average Forward Rectified Current
.375 (9.5mm) Lead Length @ TL=55℃
IF(AV)
Maximum Reverse Recovery Time (Note 2)
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
Features
Type Number
Polarity: Indicated by cathode band
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Mechanical Data
Terminals: Pure tin plated, Lead free
RSFAL - RSFML
0.5AMP. Surface Mount Fast Recovery Rectifiers
Marking Diagram
Sub SMA
Dimensions in inches and (millimeters)
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
uA
Typical Thermal Resistance
50
4
Weight: 0.0196 grams
Version:G11
- 55 to + 150
Typical Junction Capacitance (Note 3)
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
RθjA
RθjC
150
32
OC/W
IR
150
Plastic material used carries Underwriters
Laboratory Classification 94V-0
High temperature metallurgically bonded
construction
5
Maximum Instantaneous Forward Voltage (Note 1)
@ 0.5A
VF
1.3
Case: Sub SMA plastic case
High temperature soldering:
260℃ / 10 seconds at terminals
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - RSFAL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RSFAL TSC-RSFAL Datasheet
51Kb / 2P
0.5 AMP. Surface Mount Fast Recovery Rectifiers
RSFAL TSC-RSFAL Datasheet
327Kb / 2P
0.5 AMP. Surface Mount Fast Recovery Rectifiers
RSFAL TSC-RSFAL Datasheet
447Kb / 2P
0.5 AMP. Surface Mount Fast Recovery Rectifiers
RSFAL TSC-RSFAL_1 Datasheet
327Kb / 2P
0.5 AMP. Surface Mount Fast Recovery Rectifiers
RSFAL TSC-RSFAL_10 Datasheet
447Kb / 2P
0.5 AMP. Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RSFAL

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
B0520WS TSC-B0520WS_1 Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
RGL34A SECOS-RGL34A Datasheet
184Kb / 2P
0.5AMP Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
B0520LW LUGUANG-B0520LW Datasheet
174Kb / 2P
0.5AMP. Surface Mount Schottky Barrier Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Rectron Semiconductor
B0520LWV RECTRON-B0520LWV Datasheet
335Kb / 5P
0.5AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com