Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RS3G
Description  3.0 AMP. Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RS3G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RS3G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RS3G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
For surface mounted application
Glass passivated junction chip
Fast switching for high efficiency
RS3X
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
RS
3A
RS
3B
RS
3D
RS
3G
RS
3J
RS
3K
RS
3M
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
Trr
250
nS
Cj
pF
TJ
OC
TSTG
OC
IR
150
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Built-in strain relief, ideal for automated
placement
10
Maximum Instantaneous Forward Voltage (Note 1)
@ 3 A
VF
1.3
Case: Molded plastic
High temperature soldering:
260℃ / 10 seconds at terminals
Version:E11
- 55 to + 150
Typical Junction Capacitance (Note 3)
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
RθjA
RθjL
50
15
OC/W
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
uA
Typical Thermal Resistance
250
Weight: 0.21 grams
500
RS3A - RS3M
3.0 AMP. Surface Mount Fast Recovery Rectifiers
Marking Diagram
SMC/DO-214AB
Dimensions in inches and (millimeters)
Features
Type Number
Polarity: Indicated by cathode band
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Mechanical Data
Terminals: Pure tin plated, Lead free
Packing: 16mm tape per EIA STD RS-481
60
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Repetitive Peak Reverse Voltage
Maximum Average Forward Rectified Current
@ TL=75℃
IF(AV)
Maximum Reverse Recovery Time (Note 2)
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
V
A
3
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
100
A
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - RS3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3G SSE-RS3G Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3G DIODES-RS3G Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Fuji Electric
RS3G FUJI-RS3G Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS3G GE-RS3G Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Taiwan Semiconductor Co...
RS3G TSC-RS3G Datasheet
54Kb / 2P
3.0 AMPS. Fast Recovery Surface Mount Rectifiers
More results

Similar Description - RS3G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR301 FORMOSA-FR301 Datasheet
33Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR301 UNIOHM-FR301 Datasheet
66Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
Tiger Electronic Co.,Lt...
FR301 TGS-FR301 Datasheet
658Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
List of Unclassifed Man...
484-SMF30XC ETC2-484-SMF30XC Datasheet
69Kb / 2P
3.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
SMF301B GWSEMI-SMF301B Datasheet
69Kb / 2P
3.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMF301C GWSEMI-SMF301C Datasheet
69Kb / 2P
3.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF301C SECOS-SUF301C_15 Datasheet
374Kb / 2P
3.0 Amp Surface Mount Super Fast Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
FR301 YIXIN-FR301 Datasheet
253Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
MR850 DGNJDZ-MR850 Datasheet
397Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF301C SECOS-SMF301C_17 Datasheet
339Kb / 2P
3.0 Amp Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com