Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2AA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S2AA
Description  1.5AMPS Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S2AA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S2AA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S2AA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
For surface mounted application
Glass passivated junction chip
Low forward voltage drop
High current capability
Easy pick and place
High surge current capability
S2XA
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
S2
AA
S2
BA
S2
DA
S2
GA
S2
JA
S2
KA
S2
MA
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
uA
uA
Trr
uS
Cj
pF
TJ
OC
TSTG
OC
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Maximum DC Reverse Current at
@ T A=25 ℃
Rated DC Blocking Voltage
@ T A=125 ℃
IR
Dimensions in inches and (millimeters)
Case: Molded plastic
A
5
125
High temperature soldering:
260℃/10 seconds at terminals
Version:F11
Note 3: Measured at 1 MHz and Applied VR=4.0 Volts
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
30
- 55 to + 150
Typical Junction Capacitance (Note 3)
Maximum Reverse Recovery Time (Note 2)
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
RθJL
RθJA
16
53
S2AA - S2MA
1.5AMPS Surface Mount Rectifiers
Marking Diagram
SMA/DO-214AC
Features
Weight: 0.064 grams
Type Number
Polarity: Indicated by cathode band
Maximum Average Forward Rectified Current
@TL=100℃
OC/W
Packaging: 12mm tape per EIA STD RS-481
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminal: Pure tin plated, lead free
Typical Thermal Resistance
Mechanical Data
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage (Note 1)
@ 1.5A
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IF(AV)
1.5
1.5
A
VF
1.1
V
IFSM
50
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - S2AA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2AA SSE-S2AA Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2AA DIODES-S2AA Datasheet
47Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
S2AA DIODES-S2AA Datasheet
83Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 11 - 2
logo
Won-Top Electronics
S2AA WTE-S2AA Datasheet
47Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S2AA TSC-S2AA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
More results

Similar Description - S2AA

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
DB151 YANGJIE-DB151 Datasheet
263Kb / 2P
SINGLE PHASE 1.5AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_13 Datasheet
426Kb / 4P
1.5AMPS. High Efficient Rectifiers High efficiency, Low VF
logo
Chongqing Pingwei Enter...
HER151 CHONGQING-HER151_16 Datasheet
193Kb / 1P
1.5AMPS. HIGH EFFICIENCY PLASTIC RECTIFIERS
FR151 CHONGQING-FR151_16 Datasheet
177Kb / 1P
1.5AMPS . FAST RECOVERY RECTIFIERS
FR151G CHONGQING-FR151G_16 Datasheet
177Kb / 1P
1.5AMPS . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
1N5391 CHONGQING-1N5391_16 Datasheet
177Kb / 1P
1.5AMPS . SILICON RECTIFIERS
1N5391G CHONGQING-1N5391G_16 Datasheet
177Kb / 1P
1.5AMPS . GLASS PASSIVATED RECTIFIERS
S2A CHONGQING-S2A_16 Datasheet
177Kb / 1P
1.5AMPS. SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com