Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40L Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 40L
Description  STANDARD RECOVERY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

40L Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  40L Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 40L Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. 40L Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc. 40L Datasheet HTML 4Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 40L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40L15CT IRF-40L15CT Datasheet
212Kb / 8P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
40L15CT VISHAY-40L15CT Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 20 A
22-Aug-08
logo
International Rectifier
40L15CT-1 IRF-40L15CT-1 Datasheet
212Kb / 8P
SCHOTTKY RECTIFIER
40L15CT-1 IRF-40L15CT-1 Datasheet
250Kb / 7P
SCHOTTKY RECTIFIER 2 x 20 Amps
logo
Vishay Siliconix
40L15CT-1 VISHAY-40L15CT-1 Datasheet
126Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
More results

Similar Description - 40L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
71Kb / 6P
STANDARD RECOVERY DIODES
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
Standard Recovery Diodes, Standard Recovery Diodes,
07-Apr-14
logo
Nell Semiconductor Co.,...
NKE600 NELLSEMI-NKE600_17 Datasheet
685Kb / 5P
Standard Recovery Diodes
D1100B NELLSEMI-D1100B_17 Datasheet
832Kb / 7P
Standard Recovery Diodes
D3800E NELLSEMI-D3800E_17 Datasheet
667Kb / 5P
Standard Recovery Diodes
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
Standard Recovery Diodes, Standard Recovery Diodes,
11-Jan-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com