Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA47 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # OA47
Description  GERMANIUM DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

OA47 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  OA47 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - OA47

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA47 ETC1-OA47 Datasheet
41Kb / 1P
JEDEC DO-7 PACKAGE
OA47 ETC1-OA47 Datasheet
356Kb / 11P
GOLD BONDED, GERMANIUM DIODE
logo
American Microsemicondu...
OA47 AMMSEMI-OA47 Datasheet
232Kb / 1P
Technical Specifications
logo
ORION FANS
OA4715 ORIONFANS-OA4715 Datasheet
119Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA4715 ORIONFANS-OA4715 Datasheet
5Mb / 8P
AC & EC FANS
More results

Similar Description - OA47

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N39B NJSEMI-1N39B Datasheet
60Kb / 1P
Germanium Diodes
1N138A NJSEMI-1N138A Datasheet
136Kb / 1P
Germanium Diodes
logo
American Microsemicondu...
1N277 AMMSEMI-1N277 Datasheet
1Mb / 2P
GERMANIUM DIODES
1N279 AMMSEMI-1N279 Datasheet
1Mb / 2P
GERMANIUM DIODES
1N292 AMMSEMI-1N292 Datasheet
1Mb / 2P
GERMANIUM DIODES
1N435 AMMSEMI-1N435 Datasheet
1Mb / 2P
GERMANIUM DIODES
1N499 AMMSEMI-1N499 Datasheet
1Mb / 2P
GERMANIUM DIODES
1N502 AMMSEMI-1N502 Datasheet
1Mb / 2P
GERMANIUM DIODES
1N744A AMMSEMI-1N744A Datasheet
1Mb / 2P
GERMANIUM DIODES
1N776 AMMSEMI-1N776 Datasheet
442Kb / 1P
GERMANIUM DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com