Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0503BAHTG Datasheet(PDF) 1 Page - Littelfuse

Part # SP0503BAHTG
Description  SP050xBA Lead-Free/Green Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0503BAHTG Datasheet(HTML) 1 Page - Littelfuse

  SP0503BAHTG Datasheet HTML 1Page - Littelfuse SP0503BAHTG Datasheet HTML 2Page - Littelfuse SP0503BAHTG Datasheet HTML 3Page - Littelfuse SP0503BAHTG Datasheet HTML 4Page - Littelfuse SP0503BAHTG Datasheet HTML 5Page - Littelfuse SP0503BAHTG Datasheet HTML 6Page - Littelfuse SP0503BAHTG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
72
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
SPA™ Silicon Protection Array Products
Surface Mount TVS Avalanche Diode Array
SP050xBA Lead-Free/Green Series
SP050xBA Lead-Free/Green Series
Description
Features
Applications
The surface mount family of arrays are designed to
suppress ESD and other transient overvoltage events.
These arrays are used to meet the International
Electrotechnical Compatibility (IEC transient immunity
standards IEC 61000-4-2 for Electrostatic Discharge
Requirements). The series are used to help protect
sensitive digital or analog input circuits on data, signal, or
control lines with voltage levels up to 5VDC.
The monolithic silicon arrays are comprised of specially
designed structures for transient voltage suppression(TVS).
The size and shape of these structures have be tailored
for transient protection. The low capacitance and clamp
voltage are ideal for high speed signal line protection.
Assistants (PDA)
equipment (Laptop,
Palmtop computers)
(USB1.1)
Pinout
1
2
3
SP0502BAHTG
SP0502BAJTG
RoHS
Pb GREEN
small SC70, SOT-23, SOT-143, MSOP or TSSOP packages
- IEC 61000-4-2, Direct Discharge ........ 20kV (Level 4)
- IEC 61000-4-2, Air Discharge.............. 30kV (Level 4)
- MIL STD 883 3015.7..........................................30kV
..................................................<1ns
...................................30pF Typical
..................... -40ºC to 85ºC
1
2
3
4
SP0503BAHTG
1
2
3
4
5
SP0504BAHTG
SP0504BAJTG
1
2
3
4
6
5
SP0505BAHTG
8
76
5
4
3
2
1
SP0504BAATG
8
76
5
4
3
2
1
SP0506BAATG
SP0505BAJTG
HF


Similar Part No. - SP0503BAHTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0503BAHTG LITTELFUSE-SP0503BAHTG Datasheet
373Kb / 9P
30pF 30kV Unidirectional TVS Array
SP0503BAHTG LITTELFUSE-SP0503BAHTG Datasheet
1Mb / 9P
30pF 30kV Unidirectional TVS Array
SP0503BAHTG LITTELFUSE-SP0503BAHTG Datasheet
964Kb / 7P
8pF 15kV Unidirectional TVS Array
More results

Similar Description - SP0503BAHTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP725 LITTELFUSE-SP725 Datasheet
191Kb / 6P
Lead-Free/Green Series
SP6001-04UTG-1 LITTELFUSE-SP6001-04UTG-1 Datasheet
477Kb / 8P
SP6001 Lead-Free/Green Series
SP6002-04UTG-1 LITTELFUSE-SP6002-04UTG-1 Datasheet
440Kb / 7P
SP6002 Lead-Free/Green Series
PGB1010402 LITTELFUSE-PGB1010402_12 Datasheet
239Kb / 4P
PGB1 Series Halogen-Free / Lead-Free
PGB1010603MR LITTELFUSE-PGB1010603MR Datasheet
239Kb / 4P
PGB1 Series Halogen-Free / Lead-Free
logo
International Rectifier
IRF9Z24NPBF IRF-IRF9Z24NPBF_15 Datasheet
511Kb / 9P
Lead-Free
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7382 AVAGO-ACPM-7382 Datasheet
660Kb / 16P
Lead-free, RoHS compliant, Green
logo
Anaren Microwave
X3DC18P1S ANAREN-X3DC18P1S Datasheet
460Kb / 6P
Lead Free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com