Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0504BAHTG Datasheet(PDF) 7 Page - Littelfuse

Part # SP0504BAHTG
Description  SP050xBA Lead-Free/Green Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0504BAHTG Datasheet(HTML) 7 Page - Littelfuse

  SP0504BAHTG Datasheet HTML 1Page - Littelfuse SP0504BAHTG Datasheet HTML 2Page - Littelfuse SP0504BAHTG Datasheet HTML 3Page - Littelfuse SP0504BAHTG Datasheet HTML 4Page - Littelfuse SP0504BAHTG Datasheet HTML 5Page - Littelfuse SP0504BAHTG Datasheet HTML 6Page - Littelfuse SP0504BAHTG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
78
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
SPA™ Silicon Protection Array Products
Surface Mount TVS Avalanche Diode Array
SP050xBA Lead-Free/Green Series
Part Numbering System
Lead Plating
“G” Green version - Matte Tin (Sn);
*Non-Green version - Tin Lead
Lead Material
Copper Alloy
Lead Coplanarity
0.004 inches (0.102mm)
Subsitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL94-V-0
Product Characteristics
Ordering Information
Part Number
CH
PackageType
Quantity Per Reel
SP0502BAHTG
2
SOT23-3
3000
SP0503BAHTG
3
SOT143-4
3000
SP0504BAHTG
4
SOT23-5
3000
SP0505BAHTG
5
SOT23-6
3000
SP0504BAATG
4
TSSOP-8
3000
SP0506BAATG
6
MSOP-8
4000
SP0502BAJTG
2
SC70-3
3000
SP0504BAJTG
4
SC70-5
3000
SP0505BAJTG
5
SC70-6
3000
Notes:
1. All dimensions are in millimeters.
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to JEDEC SPEC MO-203 ISSUE A.
5. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
6. Package surface matte finish VDI 11-13.
SP0502 BAHTG
Silicon
Protection
Array
Series
Number of Channels
02 = 2 channel (SC70-3, SOT23 packages)
03 = 3 channel (SOT143 package)
04 = 4 channel (SC70-5, SOT23-5, TSSOP-8 packages)
05 = 5 channel (SC70-6, SOT23-6 packages)
06 = 6 channel (MSOP-8 package)
Package
BAA = MSOP-8 or TSSOP-8, 2500 qty
BAH = SOT23-3, -5, -6 or
SOT143-4, 3000 qty
BAJ = SC70-3, -5 or -6, 3000 qty
T= Tape & Reel
Blank = NOT Green/RoHS/Lead Free*
G= Green/RoHS/Lead Free Product
*NOTE: To order NON-Green/RoHS/Lead Free version of product, remove “G” at the end of part number.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com