Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003 Datasheet(PDF) 5 Page - Littelfuse

Part # SP3003
Description  SP3003 Series 0.65pF Rail Clamp Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003 Datasheet(HTML) 5 Page - Littelfuse

  SP3003_11 Datasheet HTML 1Page - Littelfuse SP3003_11 Datasheet HTML 2Page - Littelfuse SP3003_11 Datasheet HTML 3Page - Littelfuse SP3003_11 Datasheet HTML 4Page - Littelfuse SP3003_11 Datasheet HTML 5Page - Littelfuse SP3003_11 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
99
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPA™Family of Products)
Revision: April 14, 2011
SP3003 Series
Low Capacitance ESD Protection - SP3003 Series
Part Numbering System
Part Marking System
SP3003-04 X T G
Series
Number of Channels
-02 = 2 channel
(SC70-5, SOT553 packages)
-04 = 4 channel
(SC70-6, SOT563, MSOP-10 packages)
Package
A = MSOP-10, 3000 quantity
J = SC70-5 or SC70-6, 3000 quantity
X = SOT553 or SOT563, 5000 quantity
T= Tape & Reel
G= Green
Silicon Protection
Array (SPA
TM)
Family of
TVS Diode Arrays
XXX
X X X
Product Series
(varies) F, H or P =
SP3003 series
Assembly Site
(varies)
Number of Channels
(varies) 2 or 4
Package Dimensions — SOT563
Package
SOT 563
Pins
6
Millimeters
Inches
Min
Max
Min
Max
A
0.50
0.60
0.020
0.024
B
0.17
0.27
0.007
0.011
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.059
0.067
E
1.10
1.30
0.043
0.051
e
0.50 BSC
0.020 BSC
L
0.10
0.30
0.004
0.012
HE
1.50
1.70
0.059
0.067
c
HE
L
A
D
6
4
2
3
E
e
B
5
Solder Pad Layout
Package Dimensions — MSOP10
Package
MSOP10
Pins
10
Millimeters
Inches
Min
Max
Min
Max
A
-
1.10
-
0.043
A1
0.00
0.15
0.000
0.006
B
0.17
0.27
0.007
0.011
c
0.08
0.23
0.003
0.009
D
2.90
3.10
0.114
0.122
E
4.67
5.10
0.184
0.200
E1
2.90
3.10
0.114
0.122
e
0.50 BSC
0.020 BSC
HE
0.40
0.80
0.016
0.031
Solder Pad Layout
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
SP3003-02JTG
SC70-5
FX2
3000
SP3003-02XTG
SOT553
FX2
5000
SP3003-04ATG
MSOP-10
FX4
4000
SP3003-04JTG
SC70-6
FX4
3000
SP3003-04XTG
SOT563
FX4
5000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com