Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2712 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC2712
Description  TRANSISTOR(NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC2712 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SC2712 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SC2712 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SC2712 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TRANSISTOR (NPN)
FEATURE
· Low Noise: NF=1 dB (Typ),10dB(MAX)
· Complementary to 2SA1162
MAXIMUM RATINGS (
TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
150
mA
PC
Collector Power Dissipation
150
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 100μA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA , IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 60 V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
μA
DC current gain
hFE
VCE=6V, IC=2mA
70
700
Collector-emitter saturation voltage
VCE(sat)
IC= 100mA, IB=10mA
0.1
0.25
V
Transition frequency
fT
VCE=10V, IC= 1mA
80
MHz
Output capacitance
Cob
VCB=10V, IE=0,f=1 MHz
2.0
3.5
pF
Noise Figure
NF
VCE=6V,IC=0.1mA,f=1kHz,
Rg=10kΩ
1.0
10
dB
CLASSIFICATION OF hFE
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
Marking
LO
LY
LG
LL
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
2SC2712
1 
www.htsemi.com
semiconductor
JinYu


Similar Part No. - 2SC2712

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2712 TOSHIBA-2SC2712 Datasheet
210Kb / 3P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLFIER APPLICATIONS)
logo
Weitron Technology
2SC2712 WEITRON-2SC2712 Datasheet
338Kb / 5P
Silicon NPN Transistors
logo
Unisonic Technologies
2SC2712 UTC-2SC2712 Datasheet
113Kb / 4P
AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
logo
Toshiba Semiconductor
2SC2712 TOSHIBA-2SC2712 Datasheet
624Kb / 5P
Silicon NPN Epitaxial Type (PCT process)
logo
Galaxy Semi-Conductor H...
2SC2712 BILIN-2SC2712 Datasheet
173Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - 2SC2712

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com