Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2714 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC2714
Description  TRANSISTOR(NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC2714 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SC2714 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SC2714 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SC2714 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TRANSISTOR (NPN)
FEATURES
Small reverse Transfer Capacitance:Cre=0.7pF(typ.)
Low Noise Figure:NF=2.5dB(typ.) (f=100MHz)
MAXIMUM RATINGS (
TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current -Continuous
20
mA
PC
Collector Power Dissipation
100
mW
Tj
Junction Temperature
125
℃
Tstg
Storage Temperature
-55-+125
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10μA,IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA,IC=0
4
V
Collector cut-off current
ICBO
VCB=18V,IE=0
0.5
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.5
μA
DC current gain
hFE
VCE=6V,IC=1mA
40
200
Transition frequency
fT
VCE=6V,IC=1mA
550
MHz
Reverse Transfer capacitance
Cre
VCB=6V,IE=0,f=1MHz
0.7
pF
Noise figure
NF
VCE=6V,Ic=1mA,f=100MHZ
2.5
5
dB
CLASSIFICATION OF
hFE
Rank
R
O
Y
Range
40-80
70-140
100-200
Marking
QR
QO
QY
SOT-23
1.
BASE
2.
EMITTER
3.
COLLECTOR
1 
www.htsemi.com
semiconductor
JinYu
2SC2714


Similar Part No. - 2SC2714

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2714 TOSHIBA-2SC2714 Datasheet
322Kb / 6P
TRANSISTOR (HIGH FREQUENCY, FM, RF, MIX, IF AMPLIFIER APPLICATIONS
2SC2714 TOSHIBA-2SC2714 Datasheet
1Mb / 8P
Silicon NPN Epitaxial Planar Type (PCT process)
logo
Galaxy Semi-Conductor H...
2SC2714 BILIN-2SC2714 Datasheet
162Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SC2714 KEXIN-2SC2714 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
Weitron Technology
2SC2714 WEITRON-2SC2714 Datasheet
671Kb / 2P
NPN General Purpose Transistors
More results

Similar Description - 2SC2714

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com