Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP136 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BFP136
Description  NPN Silicon RF Transistor (For power amplifier in DECT and PCN systems)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP136 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BFP136 Datasheet HTML 1Page - Siemens Semiconductor Group BFP136 Datasheet HTML 2Page - Siemens Semiconductor Group BFP136 Datasheet HTML 3Page - Siemens Semiconductor Group BFP136 Datasheet HTML 4Page - Siemens Semiconductor Group BFP136 Datasheet HTML 5Page - Siemens Semiconductor Group BFP136 Datasheet HTML 6Page - Siemens Semiconductor Group BFP136 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Jan-20-1997
BFP 136W
SPICE Parameters (Gummel-Poon Model, Berkeley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
1.5813
fA
VAF =
12.331
V
NE =
1.4254
-
VAR =
31.901
V
NC =
1.8821
-
RBM =
1.0078
Ω
CJE =
33.904
fF
TF =
20.691
ps
ITF =
4.5579
mA
VJC =
1.1381
V
TR =
1.0033
ns
MJS =
0-
XTI =
3-
BF =
113.32
-
IKF =
1.4907
A
BR =
86.717
-
IKR =
0.033605
A
RB =
0
Ω
RE =
0.22081
Ω
VJE =
0.71518
V
XTF =
0.31338
-
PTF =
0
deg
MJC =
0.31461
-
CJS =
0
fF
XTB =
0
-
FC =
0.99886
-
NF =
1.0653
-
ISE =
46.37
fA
NR =
1.8047
-
ISC =
0.0080864 fA
IRB =
0.83992
mA
RC =
0.01636
Ω
MJE =
0.36824
-
VTF =
0.10174
V
CJC =
2977.4
fF
XCJC =
0.02899
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
All parameters are ready to use, no scalling is necessary.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitenfunktechnik (IMST)
© 1996 SIEMENS AG
Package Equivalent Circuit:
LBI =
0.5
nH
LBO =
0.51
nH
LEI =
0.18
nH
LEO =
0.14
nH
LCI =
0.05
nH
LCO =
0.35
nH
CBE =
78
fF
CCB =
48
fF
CCE =
244
fF
Valid up to 6 GHz
For examples and ready to use parameters please contact your local Siemens distributor or sales office to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com