Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2883 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC2883
Description  TRANSISTOR(NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC2883 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SC2883 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SC2883 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SC2883 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TRANSISTOR (NPN)
FEATURES
Low voltage
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
1.5
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=2V,IC=0.5A
100
320
Collector-emitter saturation voltage
VCE(sat)
IC=1.5A,IB=30mA
2
V
Base-emitter voltage
VBE
VCE=2V,IC=0.5A
1
V
Transition frequency
fT
VCE=2V,IC=500mA
120
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
40
pF
CLASSIFICATION OF
hFE
Rank
O
Y
Range
100-200
160-320
Marking
GO
GY
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3
2SC2883
1 
www.htsemi.com
semiconductor
JinYu


Similar Part No. - 2SC2883

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2883 TOSHIBA-2SC2883 Datasheet
157Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APLICATIONS)
logo
Guangdong Kexin Industr...
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC2883 TOSHIBA-2SC2883 Datasheet
124Kb / 4P
Audio Frequency Amplifier Applications
logo
SeCoS Halbleitertechnol...
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
logo
MAKO SEMICONDUCTOR CO.,...
2SC2883 MAKOSEMI-2SC2883 Datasheet
117Kb / 2P
Low voltage
More results

Similar Description - 2SC2883

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com