Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3052 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC3052
Description  TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC3052 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SC3052 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SC3052 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SC3052 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TRANSISTOR (NPN)
FEATURES
Low collector to emitter saturation voltage
VCE(sat)=0.3V max(@IC=100mA,IB=10mA)
Excellent linearity of DC forward current gain
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V (BR) CBO
IC = 100 μA, IE=0
50
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 100 μA, IB=0
50
V
Emitter-base breakdown voltage
V (BR) EBO
IE= 100 μA, IC=0
6
V
Collector cut-off current
ICBO
VCB= 50 V , IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 6V , IC=0
0.1
μA
hFE(1)
VCE= 6V, IC= 1mA
150
800
DC current gain
hFE(2)
VCE= 6V, IC= 0.1mA
50
Collector-emitter saturation voltage
VCE (sat)
IC=100mA, IB= 10mA
0.3
V
Base-emitter saturation voltage
VBE (sat)
IC= 100mA, IB= 10mA
1
V
Transition frequency
fT
VCE= 6V, IC= 10mA
180
MHz
Collector output capacitance
Cob
VCE=6V, IE=0, f=1MHz
4
pF
Noise figure
NF
VCE=6V,IE=-0.1mA, f=1KHz, RG=2KΩ
15
dB
CLASSIFICATION OF hFE(1)
Rank
E
F
G
Range
150~300
250~500
400~800
Marking
LE
LF
LG
Symbol
Parameter
Value
Units
VCBO
Collector- Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
0.2
A
PC
Collector Power Dissipation
150
mW
TJ
Junction Temperature
125
℃
Tstg
Storage Temperature
-55-125
℃
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
1 
www.htsemi.com
semiconductor
JinYu
2SC3052


Similar Part No. - 2SC3052

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC3052 ISAHAYA-2SC3052 Datasheet
220Kb / 5P
LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Jiangsu Changjiang Elec...
2SC3052 JIANGSU-2SC3052 Datasheet
80Kb / 1P
TRANSISTOR (NPN)
2SC3052 JIANGSU-2SC3052 Datasheet
36Kb / 1P
TRANSISTOR (NPN)
logo
Guangdong Kexin Industr...
2SC3052 KEXIN-2SC3052 Datasheet
41Kb / 1P
NPN Transistor
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
More results

Similar Description - 2SC3052

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com