Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4081 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC4081
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC4081 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SC4081 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SC4081 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRANSISTOR (NPN)
FEATURES
Excellent hFE linearity
Complements the 2A1576A
MAXIMUM RATINGS (
TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current -Continuous
150
mA
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=50μA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA,IC=0
7
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=7V,IC=0
0.1
μA
DC current gain
hFE(1)
VCE=6V,IC=1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.4
V
Transition frequency
fT
VCE=12V,IC=2mA,f=30MHz
180
MHz
Collector output capacitance
Cob
VCB12V,IE=0,f=1MHz
3.5
pF
CLASSIFICATION OF
hFE(1)
Rank
Q
R
S
Range
120-270
180-390
270-560
Marking
BQ
BR
BS
SOT-323
1. BASE
2. EMITTER
3. COLLECTOR
1 
www.htsemi.com
semiconductor
JinYu
2SC4081


Similar Part No. - 2SC4081

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4081 ROHM-2SC4081 Datasheet
77Kb / 3P
2SC4097 / 2SC1741S
2SC4081 ROHM-2SC4081 Datasheet
89Kb / 4P
General purpose transistor (50V, 0.15A)
2SC4081 ROHM-2SC4081 Datasheet
120Kb / 4P
General purpose transistor(50V, 0.15A)
logo
Guangdong Kexin Industr...
2SC4081 KEXIN-2SC4081 Datasheet
46Kb / 1P
General Purpose Transistor
logo
Weitron Technology
2SC4081 WEITRON-2SC4081 Datasheet
713Kb / 3P
General Purpose Transistor NPN Silicon
More results

Similar Description - 2SC4081

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com