Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4097 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC4097
Description  TRANSISTOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC4097 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SC4097 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TRANSISTOR (NPN)
FEATURES
High ICMax. ICMax=0.5A
Low VCE(sat).Optimal for low voltage operation.
Complements the 2SA1577
MAXIMUM RATINGS (TA=25
℃unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
32
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=20V,IE=0
1
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
1
μA
DC current gain
hFE
VCE=3V,IC=10mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=
500mA, IB=50mA
0.4
V
Transition frequency
fT
VCE=5V, IC=20mA,f =100MHz
250
MHz
Collector Output Capacitance
Cob
VCB=10V,IE=0,f=1MHZ
6
pF
CLASSIFICATION OF
hFE
Rank
P
Q
R
Range
82-180
120-270
180-390
MARKING
CP
CQ
CR
SOT-323
1. BASE
2. EMITTER
3. COLLECTOR
1
2
3
2SC4097
1 
www.htsemi.com
semiconductor
JinYu


Similar Part No. - 2SC4097

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4097 ROHM-2SC4097 Datasheet
74Kb / 4P
Medium Power Transistor (32V, 0.5A)
logo
Guangdong Kexin Industr...
2SC4097 KEXIN-2SC4097 Datasheet
83Kb / 2P
Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SC4097 SECOS-2SC4097 Datasheet
105Kb / 3P
Medium Power Transistor
2SC4097 SECOS-2SC4097 Datasheet
993Kb / 2P
NPN Plastic-Encapsulate Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC4097 WINNERJOIN-2SC4097 Datasheet
129Kb / 1P
TRANSISTOR(NPN)
More results

Similar Description - 2SC4097

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com