Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A94 Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # A94
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

A94 Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  A94 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. A94 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-0
-4
-8
-12
-16
-20
-0
-2
-4
-6
-8
-10
-12
-14
0
25
50
75
100
125
150
0
100
200
300
400
500
600
-10
-100
100
-1
-10
-100
-1000
-1
-10
-100
10
100
-0.1
-1
-10
1
10
100
-1
-10
-100
-200
-400
-600
-800
-1000
-1
-10
-100
COMMON
EMITTER
T
a=25
℃
-100uA
-90uA
-80uA
-70uA
-60uA
-50uA
-40uA
-30uA
-20uA
I
B=-10uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
AMBIENT TEMPERATURE
T
a
( )
℃
P
C
——
T
a
-30
COMMON EMITTER
V
CE= -20V
T
a=25
℃
COLLECTOR CURRENT
I
C
(mA)
-3
-200
f
T
——
β=10
I
C
V
BEsat
——
T
a=25
℃
T
a=100
℃
COLLECTOR CURRENT
I
C
(mA)
-100
500
-200
I
C
I
C
COMMON EMITTER
V
CE= -10V
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT
I
C
(mA)
-30
-3
-0.3
-3
-0.03
-30
-3
-30
-3
-300
-30
-3
300
30
30
10
-3
-0.3
3
30
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/V
EB
C
ob
/C
ib
——
REVERSE VOLTAGE V (V)
C
ib
C
ob
300
-20
-200
-10
-1
-0.1
-0.01
A94
Typical Characteristics
h
FE
——
β=10
I
C
V
CEsat
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE=-10V
BASE-EMMITER VOLTAGE V
BE (mV)
-200
I
C
——
V
BE
2
Date:2011/05
www.htsemi.com
semiconductor
JinYu



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com