Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB633AFILF Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 9DB633AFILF
Description  Six Output Differential Buffer for PCIe Gen3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB633AFILF Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 9DB633AFILF Datasheet HTML 6Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 7Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 8Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 9Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 10Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 11Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 12Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 13Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
IDT® Six Output Differential Buffer for PCIe Gen3
1668C—04/20/11
9DB633
Six Output Differential Buffer for PCIe Gen3
13
Datasheet
28-pin TSSOP Package Drawing and Dimensions
INDEX
AREA
12
N
D
E1
E
a
SEATING
PLANE
A1
A
A2
e
-C-
b
c
L
aaa
C
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
28
9.60
9.80
.378
.386
10-0035
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
Reference Doc.: JEDEC Publication 95, MO-153
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
4.40 mm. Body, 0.65 mm. Pitch TSSOP
6.40 BASIC
0.252 BASIC
0.0256 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
(173 mil)
(25.6 mil)
SYMBOL
Ordering Information
Part / Order Number
Shipping Packaging
Package
Temperature
9DB633AFLF
Tubes
28-pin SSOP
0 to +70°C
9DB633AFLFT
Tape and Reel
28-pin SSOP
0 to +70°C
9DB633AFILF
Tubes
28-pin SSOP
-40 to +85°C
9DB633AFLIFT
Tape and Reel
28-pin SSOP
-40 to +85°C
9DB633AGLF
Tubes
28-pin TSSOP
0 to +70°C
9DB633AGLFT
Tape and Reel
28-pin TSSOP
0 to +70°C
9DB633AGILF
Tubes
28-pin TSSOP
-40 to +85°C
9DB633AGILFT
Tape and Reel
28-pin TSSOP
-40 to +85°C
"LF" after the package code are the Pb-Free configuration and are RoHS compliant.
"A" is the device revision designator (will not correlate to the datasheet revision).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com