Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FG830AFILF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9FG830AFILF
Description  Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG830AFILF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9FG830AFILF Datasheet HTML 6Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 7Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 8Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 9Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 10Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 11Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 12Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 13Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IDT® Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
1680C—08/26/10
9FG830
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
10
Differential Clock Tolerances x1 - 25MHz
Clock Periods - Differential Outputs with Spread Spectrum Disabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-
Term
Average
Max
+c2c jitter
AbsPer
Max
0
100.00
9.95000
10.00000
10.00000
10.00000
10.05000
ns
1,2
0
125.00
7.95000
8.00000
8.00000
8.00000
8.05000
ns
1,2
0
133.33
7.45000
7.50000
7.50000
7.50000
7.55000
ns
1,2
10
166.67
5.94994
5.99994
6.00000
6.00006
6.05006
ns
1,2
0
200.00
4.95000
5.00000
5.00000
5.00000
5.05000
ns
1,2
6
266.67
3.69998
3.74998
3.75000
3.75002
3.80002
ns
1,2
10
333.33
2.94997
2.99997
3.00000
3.00003
3.05003
ns
1,2
0
400.00
2.45000
2.50000
2.50000
2.50000
2.55000
ns
1,2
Clock Periods - Differential Outputs with Spread Spectrum Enabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-
Term
Average
Max
+c2c jitter
AbsPer
Max
96
99.75
9.94910
9.99910
10.02410
10.02506
10.02603
10.05103
10.10103
ns
1,2
19
124.69
7.94990
7.99990
8.01990
8.02005
8.02020
8.04020
8.09020
ns
1,2
96
133.00
7.44933
7.49933
7.51808
7.51880
7.51952
7.53827
7.58827
ns
1,2
10
166.25
5.94998
5.99998
6.01498
6.01504
6.01510
6.03010
6.08010
ns
1,2
96
199.50
4.94955
4.99955
5.01205
5.01253
5.01301
5.02551
5.07551
ns
1,2
-98
266.00
3.70039
3.75039
3.75977
3.75940
3.75903
3.76841
3.81841
ns
1,2
10
332.50
2.94999
2.99999
3.00749
3.00752
3.00755
3.01505
3.06505
ns
1,2
96
399.00
2.44978
2.49978
2.50603
2.50627
2.50651
2.51276
2.56276
ns
1,2
1Guaranteed by design and characterization, not 100% tested in production.
DIF
2 All Long Term Accuracy specifications are guaranteed with the assumption that the REF output is tuned to the exact target XTAL
frequency.
Notes
Measurement Window
Units
SSC ON
-0.5%
Down
Spread
Center
Freq.
MHz
Notes
Measurement Window
Units
Center
Freq.
MHz
Synthesis
Error
(ppm)
SSC OFF
or SSC +/-
0.25%
Center
Spread
Synthesis
Error
(ppm)
DIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com