Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB803DI Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS9DB803DI
Description  Eight Output Differential Buffer for PCIe Gen 2
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DB803DI Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS9DB803DI Datasheet HTML 10Page - Integrated Device Technology ICS9DB803DI Datasheet HTML 11Page - Integrated Device Technology ICS9DB803DI Datasheet HTML 12Page - Integrated Device Technology ICS9DB803DI Datasheet HTML 13Page - Integrated Device Technology ICS9DB803DI Datasheet HTML 14Page - Integrated Device Technology ICS9DB803DI Datasheet HTML 15Page - Integrated Device Technology ICS9DB803DI Datasheet HTML 16Page - Integrated Device Technology ICS9DB803DI Datasheet HTML 17Page - Integrated Device Technology ICS9DB803DI Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
IDTTM/ICSTM
Eight Output Differential Buffer for PCIe Gen 2
ICS9DB803DI
REV A
06/18/08
ICS9DB803DI
Eight Output Differential Buffer for PCIe for Gen 2
14
SMBus Table: Frequency Select Register, READ/WRITE ADDRESS (DC/DD)
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
PD_Mode
PD# drive mode
RW
driven
Hi-Z
0
Bit 6
STOP_Mode
SRC_Stop# drive mode
RW
driven
Hi-Z
0
Bit 5
PD_Polarity
Select PD polarity
RW
Low
High
0
Bit 4
Reserved
Reserved
RW
X
Bit 3
Reserved
Reserved
RW
X
Bit 2
PLL_BW#
Select PLL BW
RW
High BW
Low BW
1
Bit 1
BYPASS#
BYPASS#/PLL
RW
fan-out
ZDB
1
Bit 0
SRC_DIV#
SRC Divide by 2 Select
RW
x/2
1x
1
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
DIF_7
Output Control
RW
Disable
Enable
1
Bit 6
DIF_6
Output Control
RW
Disable
Enable
1
Bit 5
DIF_5
Output Control
RW
Disable
Enable
1
Bit 4
DIF_4
Output Control
RW
Disable
Enable
1
Bit 3
DIF_3
Output Control
RW
Disable
Enable
1
Bit 2
DIF_2
Output Control
RW
Disable
Enable
1
Bit 1
DIF_1
Output Control
RW
Disable
Enable
1
Bit 0
DIF_0
Output Control
RW
Disable
Enable
1
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
DIF_7
Output Control
RW
Free-run
Stoppable
0
Bit 6
DIF_6
Output Control
RW
Free-run
Stoppable
0
Bit 5
DIF_5
Output Control
RW
Free-run
Stoppable
0
Bit 4
DIF_4
Output Control
RW
Free-run
Stoppable
0
Bit 3
DIF_3
Output Control
RW
Free-run
Stoppable
0
Bit 2
DIF_2
Output Control
RW
Free-run
Stoppable
0
Bit 1
DIF_1
Output Control
RW
Free-run
Stoppable
0
Bit 0
DIF_0
Output Control
RW
Free-run
Stoppable
0
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
RW
X
Bit 6
RW
X
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW
X
Bit 1
RW
X
Bit 0
RW
X
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
12,13
8,9
Byte 3
34,33
30,29
20,21
16,17
8,9
Byte 2
42,41
38,37
30,29
20,21
16,17
12,13
Byte 1
42,41
38,37
34,33
-
-
-
Reserved
-
-
-
Reserved
Byte 0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com