Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P935YGLF-T Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS9P935YGLF-T
Description  DDR I/DDR II Phase Lock Loop Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9P935YGLF-T Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS9P935YGLF-T Datasheet HTML 5Page - Integrated Device Technology ICS9P935YGLF-T Datasheet HTML 6Page - Integrated Device Technology ICS9P935YGLF-T Datasheet HTML 7Page - Integrated Device Technology ICS9P935YGLF-T Datasheet HTML 8Page - Integrated Device Technology ICS9P935YGLF-T Datasheet HTML 9Page - Integrated Device Technology ICS9P935YGLF-T Datasheet HTML 10Page - Integrated Device Technology ICS9P935YGLF-T Datasheet HTML 11Page - Integrated Device Technology ICS9P935YGLF-T Datasheet HTML 12Page - Integrated Device Technology ICS9P935YGLF-T Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ICS9P935
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
13
Innovate with IDT and accelerate your future networks. Contact:
www.IDT.com
For Sales
800-345-7015
408-284-8200
Fax: 408-284-2775
For Tech Support
408-284-6578
pcclockhelp@idt.com
Corporate Headquarters
Integrated Device Technology, Inc.
6024 Silver Creek Valley Road
San Jose, CA 95138
United States
800 345 7015
+408 284 8200 (outside U.S.)
Asia Pacific and Japan
Integrated Device Technology
Singapore (1997) Pte. Ltd.
Reg. No. 199707558G
435 Orchard Road
#20-03 Wisma Atria
Singapore 238877
+65 6 887 5505
Europe
IDT Europe, Limited
Prime House
Barnett Wood Lane
Leatherhead, Surrey
United Kingdom KT22 7DE
+44 1372 363 339
© 2006 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. IDT and the IDT logo are trademarks of Integrated
Device Technology, Inc. Accelerated Thinking is a service mark of Integrated Device Technology, Inc. All other brands, product names and marks are or may be trademarks
or registered trademarks used to identify products or services of their respective owners.
Printed in USA
TM
Revision History
Rev.
Issue Date Description
Page #
A
2/8/2007
Final Release.
-
B
6/4/2007
Fixed various typos.
-
C
6/14/2007
Added TSSOP Ordering Information.
12
D
6/20/2007
1. Updated Output Features: Max Frequency Supported.
2. Updated DDRI/DDRII Max Clock Frequency.
1
5, 8
E
8/16/2007
1. Updated Supply Voltage.
2. Updated Input High/Low Current Max.
3
F
9/5/2007
Updated Electrical Specifications.
3-5
G
11/19/2007 Updated Serial Interface Information.
9
H
12/1/2008
Updated Pin Description.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com