Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1640CT Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # MBRF1640CT
Description  Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MBRF1640CT Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  MBRF1640CT Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MBRF1640CT Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
1
2
4 6
10
20
40
100
120
90
60
30
0
大昌电子
DACHANG ELECTRONICS
150
正向特性曲线(典型值)
正向电压
VF(V)
管体温度 Tc(
°C)
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Case temperature (°C)
正向电流降额曲线
0.6
0.8
1.0
1.2
1.4
0.4
0.1
1
2
10
100
Tj = 25 °C
28
24
20
16
12
8
4
0
0
25
50
75 100 125 150 175
MBRF1640CT ...... MBRF16200CT
MBRF16150CT MBRF16200CT
MBRF1650CT MBRF1660CT
MBRF16100CT
MBRF1640CT MBRF1645CT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com