Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC92469 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # MPC92469
Description  400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC92469 Datasheet(HTML) 2 Page - Integrated Device Technology

  MPC92469 Datasheet HTML 1Page - Integrated Device Technology MPC92469 Datasheet HTML 2Page - Integrated Device Technology MPC92469 Datasheet HTML 3Page - Integrated Device Technology MPC92469 Datasheet HTML 4Page - Integrated Device Technology MPC92469 Datasheet HTML 5Page - Integrated Device Technology MPC92469 Datasheet HTML 6Page - Integrated Device Technology MPC92469 Datasheet HTML 7Page - Integrated Device Technology MPC92469 Datasheet HTML 8Page - Integrated Device Technology MPC92469 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PACKAGE DIMENSIONS
MPC92469
400MHZ, LOW VOLTAGE, PECL CLOCK SYNTHESIZER W/SPREAD SPECTRUM
IDT™ / ICS™ PECL CLOCK SYNTHESIZER W/SPREAD SPECTRUM
2
MPC92469REV 4 JANUARY 23, 2007
Figure 1. MPC92469 Logic Diagram
Figure 2. MPC92469 32-Lead Package Pinout
(Top View)
÷1
÷2
÷4
÷8
XTAL_IN
XTAL_OUT
S_LOAD
÷
16
S_DATA
S_CLOCK
M[0:8]
XTAL
PLL
Ref
FB
VCO
400 – 800 MHz
00
01
10
11
9-BIT M-DIVIDER
M-LATCH
N-LATCH
12 – 20 MHz
T-LATCH
9
2
TEST
3
LE
10
10
BITS 9-17
BITS 7-8
BITS 4-6
18-BIT SHIFT REGISTER
SYNC
N[1:0]
P/S
FOUT
TEST
VCC
÷2
OE
P_LOAD
FOUT
BITS 0-3
SSM-LATCH
OE
VCC
VCC
GND
TEST
VCC
VCC
GND
FOUT
NC
M[3]
M[2]
M[1]
M[0]
P_LOAD
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
34
56
78
24 23 22 21 20 19 18 17
16
VCC
OE
XTAL_OUT
MPC92469
FOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com