Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z2V2 Datasheet(PDF) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MM3Z2V2
Description  Silicon Planar Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MM3Z2V2 Datasheet(HTML) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MM3Z2V2 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM3Z2V2 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM3Z2V2 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM3Z2V2 Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Iz
0
0
10
20
Vz
30
40 V
8
mA
Test current Iz
5mA
10
20
30
0
Breakdown characteristics
Tj = constant (pulsed)
01
2
3
Test current Iz
5mA
10
20
45
7
6
Vz
Tj=25 C
o
10
9
V
Iz
30
40
Breakdown characteristics
Tj = constant (pulsed)
Tj=25 C
50
mA
o
2V7
3V3
3V9
4V7
5V6
6V8
8V2
10
12
15
18
22
27
33
Ambient Temperature: Ta ( C)
O
0
25
100
150
0
100
200
300
Derating Curve
MM3Z2V0~MM3Z75
3
Date:2011/05
www.htsemi.com
semiconductor
JinYu



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com