Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17P Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BFS17P
Description  NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFS17P Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BFS17P Datasheet HTML 1Page - Siemens Semiconductor Group BFS17P Datasheet HTML 2Page - Siemens Semiconductor Group BFS17P Datasheet HTML 3Page - Siemens Semiconductor Group BFS17P Datasheet HTML 4Page - Siemens Semiconductor Group BFS17P Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
Aug-02-1996
BFS 17P
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics of any single Transistor
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
15
-
-
V
Collector-base cutoff current
VCB = 10 V, IE = 0
VCB = 25 V, IE = 0
ICBO
-
-
-
-
10
0.05
µA
Emitter-base cutoff current
VEB = 2.5 V, IC = 0
IEBO
-
-
100
DC current gain
IC = 2 mA, VCE = 1 V
IC = 25 mA, VCE = 1 V
hFE
20
20
70
-
-
150
-
Collector-emitter saturation voltage
IC = 10 mA, IB = 1 mA
VCEsat
-
0.1
0.4
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com