Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS831721I Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS831721I
Description  Differential Clock/Data Multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS831721I Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS831721I Datasheet HTML 1Page - Integrated Device Technology ICS831721I Datasheet HTML 2Page - Integrated Device Technology ICS831721I Datasheet HTML 3Page - Integrated Device Technology ICS831721I Datasheet HTML 4Page - Integrated Device Technology ICS831721I Datasheet HTML 5Page - Integrated Device Technology ICS831721I Datasheet HTML 6Page - Integrated Device Technology ICS831721I Datasheet HTML 7Page - Integrated Device Technology ICS831721I Datasheet HTML 8Page - Integrated Device Technology ICS831721I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ICS831721I Data Sheet
DIFFERENTIAL CLOCK/DATA MULTIPLEXER
ICS831721AGI REVISION A AUGUST 19, 2011
5
©2011 Integrated Device Technology, Inc.
AC Electrical Characteristics
Table 5. HCSL AC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Measured from the differential input cross point to the differential output crossing point.
NOTE 2: Defined as skew between input paths on the same device, using the same input signal levels, measured at one specific output at the
differential cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltage and with equal load conditions. Using
the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 5: Measurement taken from differential waveform.
NOTE 6: Measurement from -150mV to +150mV on the differential waveform (derived from Q minus nQ). The signal must be monotonic
through the measurement region for rise and fall time. The 300mV measurement window is centered on the differential zero crossing.
NOTE 7: TSTABLE is the time the differential clock must maintain a minimum ±150mV differential voltage after rising/falling edges before it is
allowed to drop back into the VRB ±100 differential range. See Parameter Measurement Information Section.
NOTE 8: Measurement taken from single-ended waveform.
NOTE 9: Defined as the maximum instantaneous voltage including overshoot. See Parameter Measurement Information Section.
NOTE 10: Defined as the minimum instantaneous voltage including undershoot. See Parameter Measurement Information Section.
NOTE 11: Measured at crossing point where the instantaneous voltage value of the rising edge of Qx equals the falling edge of nQx.
See Parameter Measurement Information Section
NOTE 12: Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing
points for this measurement. See Parameter Measurement Information Section.
NOTE 13: Defined as the total variation of all crossing voltage of rising Q and falling nQ. This is the maximum allowed variance in the VCROSS
for any particular system. See Parameter Measurement Information Section.
NOTE 14: Input duty cycle must be 50%.
NOTE 15: Q, nQ output measured differentially. See MUX Isolation Diagram in Parameter Measurement Information Section.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
700
MHz
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Plot
100MHz, Integration Range:
12kHz – 20MHz
0.314
0.337
ps
tPD
Propagation Delay, NOTE 1
Any CLKx, nCLKx to Q, nQ
2
2.4
ns
tsk(i)
Input Skew; NOTE 2
55
ps
tsk(pp)
Part-to-Part Skew;
NOTE 3, 4
400
ps
Edge Rate
Rise/Fall Edge Rate; NOTE 5, 6
0.6
4.0
V/ns
VRB
Ringback Voltage; NOTE 5, 7
-100
100
V
VMAX
Absolute Max Output Voltage; NOTE
8, 9
1150
mV
VMIN
Absolute Min Output Voltage; NOTE
8, 10
-300
mV
VCROSS
Absolute Crossing Voltage;
NOTE 8, 11, 12
250
550
mV
∆VCROSS
Total Variation of VCROSS over all
edges; NOTE 8, 11, 13
140
mV
odc
Output Duty Cycle; NOTE 14
fOUT < 312.5MHz
46
54
%
fOUT > 312.5MHz
43
57
%
MUXISOL
Mux Isolation; NOTE 15
ƒ = 100MHz
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com