Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831721AGILF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 831721AGILF
Description  Differential Clock/Data Multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

831721AGILF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 831721AGILF Datasheet HTML 7Page - Integrated Device Technology 831721AGILF Datasheet HTML 8Page - Integrated Device Technology 831721AGILF Datasheet HTML 9Page - Integrated Device Technology 831721AGILF Datasheet HTML 10Page - Integrated Device Technology 831721AGILF Datasheet HTML 11Page - Integrated Device Technology 831721AGILF Datasheet HTML 12Page - Integrated Device Technology 831721AGILF Datasheet HTML 13Page - Integrated Device Technology 831721AGILF Datasheet HTML 14Page - Integrated Device Technology 831721AGILF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ICS831721I Data Sheet
DIFFERENTIAL CLOCK/DATA MULTIPLEXER
ICS831721AGI REVISION A AUGUST 19, 2011
11
©2011 Integrated Device Technology, Inc.
Recommended Termination
Figure 3A is the recommended source termination for applications
where the driver and receiver will be on a separate PCBs. This
termination is the standard for PCI Express™ and HCSL output
types. All traces should be 50
Ω impedance single-ended or
100
Ω differential.
Figure 3A. Recommended Source Termination (where the driver and receiver will be on separate PCBs)
Figure 3B is the recommended termination for applications where a
point-to-point connection can be used. A point-to-point connection
contains both the driver and the receiver on the same PCB. With a
matched termination at the receiver, transmission-line reflections will
be minimized. In addition, a series resistor (Rs) at the driver
offers flexibility and can help dampen unwanted reflections.
The optional resistor can range from 0
Ω to 33Ω. All traces
should be 50
Ω impedance single-ended or 100Ω differential.
Figure 3B. Recommended Termination (where a point-to-point connection can be used)
0-0.2"
PCI Expres s
L1
L1
1-14"
Driver
Rs
0.5" Max
L3
L4
L2
L2
49.9 +/- 5%
22 to 33 +/-5%
Rt
L3
L4
L5
0.5 - 3.5"
L5
Connector
PCI Expres s
Add-in Card
PCI Expres s
0-0.2"
PCI Expres s
0-0.2"
0-18"
L1
L1
Rs
Driver
0.5" Max
L3
L3
L2
L2
49.9 +/- 5%
0 to 33
0 to 33
Rt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com