Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS481 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BFS481
Description  NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at collector currents from 0.5 to 12 mA)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFS481 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BFS481 Datasheet HTML 1Page - Siemens Semiconductor Group BFS481 Datasheet HTML 2Page - Siemens Semiconductor Group BFS481 Datasheet HTML 3Page - Siemens Semiconductor Group BFS481 Datasheet HTML 4Page - Siemens Semiconductor Group BFS481 Datasheet HTML 5Page - Siemens Semiconductor Group BFS481 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Semiconductor Group
5
Dec-16-1996
BFS 481
Collector-base capacitance
Ccb = f (VCB)
VBE = vbe = 0, f = 1MHz
0
4
8
12
16
V
22
V
R
0.00
0.05
0.10
0.15
0.20
0.25
0.30
pF
0.40
C
cb
Transition frequency
fT = f (IC)
VCE = Parameter
0
4
8
12
16
mA
24
I
C
0
1
2
3
4
5
6
7
GHz
9
f
T
10V
8V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
5
10
15
mA
25
I
C
4
6
8
10
12
14
16
18
dB
22
G
10V
3V
2V
1V
0.7V
5V
Power Gain
Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
5
10
15
mA
25
I
C
0
2
4
6
8
10
12
dB
16
G
10V
5V
3V
2V
1V
0.7V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com