Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS482 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BFS482
Description  NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA.)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFS482 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFS482 Datasheet HTML 1Page - Siemens Semiconductor Group BFS482 Datasheet HTML 2Page - Siemens Semiconductor Group BFS482 Datasheet HTML 3Page - Siemens Semiconductor Group BFS482 Datasheet HTML 4Page - Siemens Semiconductor Group BFS482 Datasheet HTML 5Page - Siemens Semiconductor Group BFS482 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
1
Dec-16-1996
BFS 482
NPN Silicon RF Transistor
• For low-noise, high-gain broadband amplifiers
at collector currents from 1mA to 20mA.
•
fT = 8GHz
F = 1.2dB at 900MHz
• Two (galvanic) internal isolated
Transistors in one package
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BFS 482
RGs
Q62702-F1573
1/4 = B
2/5 = E
3/6 = C
SOT-363
data below is of a single transistor
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
12
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
2
Collector current
IC
35
mA
Base current
IB
4
Total power dissipation
TS ≤ 81 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
- 65 ... + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 275
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb.


Similar Part No. - BFS482

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS482 INFINEON-BFS482 Datasheet
62Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
More results

Similar Description - BFS482

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP181R SIEMENS-BFP181R Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFP181W SIEMENS-BFP181W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFP182 SIEMENS-BFP182 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP182R SIEMENS-BFP182R Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP182W SIEMENS-BFP182W Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFR182 SIEMENS-BFR182 Datasheet
71Kb / 8P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFR182W SIEMENS-BFR182W Datasheet
55Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFS17P SIEMENS-BFS17P Datasheet
48Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17S SIEMENS-BFS17S Datasheet
55Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17W SIEMENS-BFS17W Datasheet
34Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com