Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS502 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ICS9LPRS502
Description  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS502 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ICS9LPRS502 Datasheet HTML 17Page - Integrated Device Technology ICS9LPRS502 Datasheet HTML 18Page - Integrated Device Technology ICS9LPRS502 Datasheet HTML 19Page - Integrated Device Technology ICS9LPRS502 Datasheet HTML 20Page - Integrated Device Technology ICS9LPRS502 Datasheet HTML 21Page - Integrated Device Technology ICS9LPRS502 Datasheet HTML 22Page - Integrated Device Technology ICS9LPRS502 Datasheet HTML 23Page - Integrated Device Technology ICS9LPRS502 Datasheet HTML 24Page - Integrated Device Technology ICS9LPRS502 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1125E—02/26/09
Advance Information
ICS9LPRS502
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR + INTEGRATED SERIES RESISTOR
21
Byte 5 Clock Request Enable/Configuration Register
Bit
Pin
Name
Description
Type
Default
7
CR#_A_EN
Enable CR#_A (clk req),
PCI0_OE must be = 1 for this bit to take effect
RW
0
6
CR#_A_SEL
Sets CR#_A to control either SRC0 or SRC2
RW
0
5
CR#_B_EN
Enable CR#_B (clk req)
RW
0
4
CR#_B_SEL
Sets CR#_B -> SRC1 or SRC4
RW
0
3
CR#_C_EN
Enable CR#_C (clk req)
RW
0
2
CR#_C_SEL
Sets CR#_C -> SRC0 or SRC2
RW
0
1
CR#_D_EN
Enable CR#_D (clk req)
RW
0
0
CR#_D_SEL
Sets CR#_D -> SRC1 or SRC4
RW
0
Byte 6 Clock Request Enable/Configuration and Stop Control Register
Bit
Pin
Name
Description
Type
Default
7
CR#_E_EN
Enable CR#_E (clk req) -> SRC6
RW
0
6
CR#_F_EN
Enable CR#_F (clk req) -> SRC8
RW
0
5
CR#_G_EN
Enable CR#_G (clk req) -> SRC9
RW
0
4
CR#_H_EN
Enable CR#_H (clk req) -> SRC10
RW
0
3
Reserved
Reserved
RW
0
2
Reserved
Reserved
RW
0
1
SSCD_STP_CRTL
(SRC1)
If set, SSCD (SRC1) stops with PCI_STOP#
RW
0
0
SRC_STP_CRTL
If set, SRCs (except SRC1) stop with PCI_STOP#
RW
0
Byte 7 Vendor ID/ Revision ID
Bit
Pin
Name
Description
Type
Default
7
Rev Code Bit 3
R
X
6
Rev Code Bit 2
R
X
5
Rev Code Bit 1
R
X
4
Rev Code Bit 0
R
X
3
Vendor ID bit 3
R
0
2
Vendor ID bit 2
R
0
1
Vendor ID bit 1
R
0
0
Vendor ID bit 0
R
1
Byte 8 Device ID and Output Enable Register
Bit
Pin
Name
Description
Type
Default
7
Device_ID3
R
0
6
Device_ID2
R
0
5
Device_ID1
R
0
4
Device_ID0
R
0
3
Reserved
Reserved
RW
0
2
Reserved
Reserved
RW
0
1
SE1_OE
Output enable for SE1
RW
0
0
SE2_OE
Output enable for SE2
RW
0
Byte 9 Output Control Register
Bit
Pin
Name
Description
Type
Default
7
PCIF5 STOP EN
Allows control of PCIF5 with assertion of PCI_STOP#
RW
0
6
TME_Readback
Truested Mode Enable (TME) strap status
R
0
5
Reserved
Reserved
RW
1
4
Test Mode Select
Allows test select, ignores REF/FSC/TestSel
RW
0
3
Test Mode Entry
Allows entry into test mode, ignores FSB/TestMode
RW
0
2
IO_VOUT2
IO Output Voltage Select (Most Significant Bit)
RW
1
1
IO_VOUT1
IO Output Voltage Select
RW
0
0
IO_VOUT0
IO Output Voltage Select (Least Significant Bit)
RW
1
Disabled
Revision ID
Vendor specific
01
Vendor ID
ICS is 0001, binary
Enabled
Enabled
Normal operation
Table of Device identifier codes, used for
differentiating between CK505 package options,
etc.
See Device ID Table
-
-
Disabled
-
-
Disable CR#_A
CR#_A -> SRC0
01
Disable CR#_B
CR#_B -> SRC1
Disable CR#_C
CR#_C -> SRC0
Disable CR#_D
CR#_D -> SRC1
Enable CR#_A
CR#_A -> SRC2
Enable CR#_B
CR#_B -> SRC4
Enable CR#_C
CR#_C -> SRC2
Enable CR#_D
CR#_D -> SRC4
0
Disable CR#_E
Disable CR#_F
Disable CR#_G
Stops with PCI_STOP#
assertion
Disable CR#_H
Free Running
Enable CR#_E
1
01
Enable CR#_H
Enable CR#_G
Enable CR#_F
Stops with PCI_STOP#
assertion
Free Running
Test mode
Free running
normal operation
Outputs HI-Z
-
Stops with PCI_STOP#
assertion
no overclocking
-
Outputs = REF/N
See Table 3: V_IO Selection
(Default is 0.8V)
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com