Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950812 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS950812 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ICS950812 Datasheet HTML 17Page - Integrated Device Technology ICS950812 Datasheet HTML 18Page - Integrated Device Technology ICS950812 Datasheet HTML 19Page - Integrated Device Technology ICS950812 Datasheet HTML 20Page - Integrated Device Technology ICS950812 Datasheet HTML 21Page - Integrated Device Technology ICS950812 Datasheet HTML 22Page - Integrated Device Technology ICS950812 Datasheet HTML 23Page - Integrated Device Technology ICS950812 Datasheet HTML 24Page - Integrated Device Technology ICS950812 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
IDTTM Frequency Generator with 200MHz Differential CPU Clocks
0542J—01/25/10
ICS950812
Frequency Generator with 200MHz Differential CPU Clocks
21
Pin #
Name
0
1
PWD
Bit 7
RW
-
-
0
Bit 6
RW
-
-
0
Bit 5
RW
-
-
0
Bit 4
RW
-
-
0
Bit 3
RW
-
-
0
Bit 2
RW
-
-
0
Bit 1
RW
-
-
0
Bit 0
RW
-
-
0
Bit Control
00 (default), 11 = Medium
01 = Low, 10 =High
00 (default), 11 = Medium
10 = Low, 01 =High
00 (default), 11 = Medium
10 = Low, 01 =High
00 = High(default), 01 = Low,
11,10 = Medium
VCHCLK Slew Control
Type
BYTE
9
Affected Pin
Control Function
35
7, 6, 5
PCICLK_F (2:0) Slew Contol
13, 12,
11, 10
PCICLK (3:0) Slew Contol
18, 17, 16,
13, 12, 11, 10
PCICLK (6:0) Slew Contol
Pin #
Name
0
1
PWD
Bit 7
X
-
M/N Enable (Enable access to
Byte 11 - 14)
RW
HW/B0
Byte
(11-14)
0
Bit 6
X
-
Unused
-
-
-
0
Bit 5
RW
-
-
0
Bit 4
RW
-
-
0
Bit 3
RW
-
-
0
Bit 2
RW
-
-
0
Bit 1
X
-
Unused
-
-
-
0
Bit 0
X
-
Unused
-
-
-
0
Bit Control
Control Function
Type
BYTE
10
Affected Pin
24, 23,
22, 21
3V66(5:2)/66MHZ_OUT(2:0)
Skew
Approx 250ps per bit (Ref to PCI)
33, 35
3V66(1:0) Skew
Approx 250ps per bit (Ref to PCI)
Pin #
Name
0
1
PWD
Bit 7
X
-
VCO Divider Bit8
RW
-
-
X
Bit 6
X
-
REF Divider Bit6
RW
-
-
X
Bit 5
X
-
REF Divider Bit5
RW
-
-
X
Bit 4
X
-
REF Divider Bit4
RW
-
-
X
Bit 3
X
-
REF Divider Bit3
RW
-
-
X
Bit 2
X
-
REF Divider Bit2
RW
-
-
X
Bit 1
X
-
REF Divider Bit1
RW
-
-
X
Bit 0
X
-
REF Divider Bit0
RW
-
-
X
Note: The decimal representation of these 7 bits (Byte 11 bit[6:0]) + 2 is equal to the REF divider value.
BYTE
11
Affected Pin
Control Function
Type
Bit Control
Pin #
Name
0
1
PWD
Bit 7
X
-
VCO Divider Bit7
RW
-
-
X
Bit 6
X
-
VCO Divider Bit6
RW
-
-
X
Bit 5
X
-
VCO Divider Bit5
RW
-
-
X
Bit 4
X
-
VCO Divider Bit4
RW
-
-
X
Bit 3
X
-
VCO Divider Bit3
RW
-
-
X
Bit 2
X
-
VCO Divider Bit2
RW
-
-
X
Bit 1
X
-
VCO Divider Bit1
RW
-
-
X
Bit 0
X
-
VCO Divider Bit0
RW
-
-
X
Note: The decimal representation of these 9 bits (Byte 12 bit[7:0]) and Byte 11 bit [7]) + 8 is equal to the VCO divider value.
Bit Control
BYTE
12
Affected Pin
Control Function
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com