Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M690SDM-R01 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # M690SDM-R01
Description  SIGE SINGLE FREQUENCY VCSO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

M690SDM-R01 Datasheet(HTML) 4 Page - Integrated Device Technology

  M690SDM-R01 Datasheet HTML 1Page - Integrated Device Technology M690SDM-R01 Datasheet HTML 2Page - Integrated Device Technology M690SDM-R01 Datasheet HTML 3Page - Integrated Device Technology M690SDM-R01 Datasheet HTML 4Page - Integrated Device Technology M690SDM-R01 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M690SDM Datasheet Rev 2.0
4 of 5
Revised 27Jan2012
Inte g r ated De vice Te chn o log y, Inc.
● N e t c o m E a s t ● www. i d t.com ● tel (774 ) 34 8-160 0
M690SDM
SIGE SINGLE FREQUENCY VCSO
P e r f o r m a nc e Da t a sh ee t
DEVICE PACKAGE - 13 x 20mm SMT (Surface Mount) Package
Mechanical Dimensions:
Figure 3: Device Package - 13 x 20mm SMT (Surface Mount Package)
M690 PIN OUT
PIN 1
V
IN
PIN 2
GND
PIN 3
GND
PIN 4
RF
OUTPUT
PIN 5
GND
PIN 6
V
CC
13.0
[0.512]
2.4
[0.094]
15.2
[0.600]
2.5
[0.100]
1.6
[0.062]
TOP
VIEW
6
5
4
1
2
3
6x 1.9
[0.073]
6x 1.2
[0.049]
6.35 MAX
0.250 MAX
Pad Finish: Gold over Nickel
MSL 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com