Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M690SDM-R02 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # M690SDM-R02
Description  SIGE SINGLE FREQUENCY VCSO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

M690SDM-R02 Datasheet(HTML) 3 Page - Integrated Device Technology

  M690SDM-R02 Datasheet HTML 1Page - Integrated Device Technology M690SDM-R02 Datasheet HTML 2Page - Integrated Device Technology M690SDM-R02 Datasheet HTML 3Page - Integrated Device Technology M690SDM-R02 Datasheet HTML 4Page - Integrated Device Technology M690SDM-R02 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M690SDM Datasheet Rev 2.0
3 of 5
Revised 27Jan2012
Integ r a t ed De vice Te chno log y, Inc.
●
Ne t c o m E a st
●
ww w. i d t . c o m
●
tel (774 ) 3 48-160 0
M690SDM
SIGE SINGLE FREQUENCY VCSO
P e r f o r m a nc e Da t a sh ee t
ELECTRICAL SPECIFICATIONS
DC Characteristics for M690SDM
Unless stated otherwise, V
CC = 5.0 Volts + 2.5%, T
CASE = 10 to 85
oC, VCSO Frequency = 1747.623000, Output terminated with 50Ω.
Symbol Parameter
Pin
Min
Typ
Max
Unit
Power Supply V
CC
Positive Supply Voltage
VCC
4.875
5.0
5.125
V
I
CC
Power Supply Current
145
165
mA
Control
Voltage
V
IN
Input Control Voltage Range
VIN
0
3.3
V
V
IN Input Impedence
20
k
Ω
Table 5: DC Characteristics for M690SDM
AC Characteristics for M690SDM
Unless stated otherwise, V
CC = 5.0 Volts + 2.5%, T
CASE = 10 to 85
oC, VCSO Frequency = 1747.623000, Outputs terminated with 50Ω.
Symbol Parameter
Min
Typ
Max
Unit Notes
Control Voltage V
IN
Modulation Bandwidth
VIN
500
kHz
Output
RF OUTPUT
Output Center Frequency Range
1500
2100
MHz
P
OUTPUT
Output Power
7.5
10.0
12.0
dBm
50
Ωload;
AC Coupled
T
RANGE
Tuning Range
1000
ppm
APR
Absolute (Guaranteed) Pull-Range 1
Note 1: Also fully meets ±50 ppm minimum pull-range.
±100
ppm
f
STAB
Frequency Stability
300
ppm p-p 10ºC to 85ºC
Power Supply Pushing
-32
32
ppm
VCC = 5.0V±2.5V
L
IN
Tuning Linearity
-8
8
%
Deviation from
best Linear fit
K
VCO
VCO Gain
@1747.623000MHz
340
ppm/V
Harmonic Spurious
-30
dBc
Sub-harmonic
Spurious
-30
dBc
Non-harmonic Spurious
-60
dBc
VSWR
Load VSWR,
all phases
3.5:1
Φn
SSB (single sideband) Phase Noise,
offset from carrier
@1747.623000MHz
10kHz Offset
-95
dBc/Hz
100kHz Offset
-116
dBc/Hz
1MHz Offset
-134
dBc/Hz
10MHz Offset
-140
dBc/Hz
20MHz Offset
-143
dBc/Hz
Table 6: AC Characteristics for M690SDM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com