Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3650 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC3650
Description  1.2 A , 30 V NPN Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC3650 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC3650_11 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC3650_11 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC3650
1.2 A , 30 V
NPN Plastic-Encapsulate Transistor
02-Nov-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Flat Package.
Large Current Capacity.
High DC Current Gain
Low VCE(sat)
APPLICATION
LF Amplifiers, Various Drivers, Muting Circuit
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
25
V
Emitter to Base Voltage
VEBO
15
V
Continuous Collector Current
IC
1.2
A
Collector Power Dissipation
PC
500
mW
Thermal Resistance Junction to Ambient
R
θJA
250
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Collector to Base Breakdown Voltage
V(BR)CBO
30
-
-
V
IC=10
µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
25
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
15
-
-
V
IE=10
µA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
µA
VCB=20V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µA
VEB=10V, IC=0
800
-
3200
VCE=5V, IC=500mA
DC Current Gain
hFE
600
-
-
VCE=5V, IC=10mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.5
V
IC=500mA, IB=10mA
Base to emitter Voltage
VBE
-
-
1.2
V
IC=500mA, IB=10mA
Transition Frequency
fT
-
200
-
MHz
VCE=10V, IC=50mA
Collector Output Capacitance
Cob
-
17
-
pF
VCB=10V, IE=0 , f=1MHz
SOT-89
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.20
CF


Similar Part No. - 2SC3650_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3650 SECOS-2SC3650_15 Datasheet
269Kb / 2P
NPN Plastic-Encapsulate Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC3650 WINNERJOIN-2SC3650_15 Datasheet
126Kb / 1P
TRANSISTOR
More results

Similar Description - 2SC3650_11

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
BCP882H SECOS-BCP882H Datasheet
395Kb / 2P
3A , 70 V NPN Plastic-Encapsulate Transistor
BCP3669 SECOS-BCP3669 Datasheet
191Kb / 2P
2 A , 80 V NPN Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com