Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC143XM Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DTC143XM
Description  NPN Digital Transistors(Built-in Resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTC143XM Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DTC143XM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTC143XM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTC143XE / DTC143XUA
DTC143XCA / DTC143XSA / DTC143XM
NPN Digital Transistors (Built-in Resistors)
Elektronische Bauelemente
09-Nov-2011 Rev.B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit).
The bias resistors consist of thin-film resistors with
complete isolation to allow positive biasing of the
input. They also have the advantage of almost
completely eliminating parasitic effects.
Only the on/off conditions need to be set for
operation, making device design easy.
EQUIVALENT CIRCUIT
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Parameter
Symbol
Limits (DTC143X□)
Unit
M
E
UA
CA
SA
Collector-Base Voltage
VCC
50
V
Input voltage
VIN
-7~20
V
Output current
IO
100
mA
IC(MAX)
100
Power dissipation
PD
100
150
200
300
mW
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
DTC143XE (SOT-523)
Addreviated symbol:43
DTC143XUA (SOT-323)
Addreviated symbol:43
DTC143XM (SOT-723)
Addreviated symbol:43
DTC143XCA (SOT-23)
Addreviated symbol:43
DTA143XSA (TO-92S)


Similar Part No. - DTC143XM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143XM ROHM-DTC143XM Datasheet
89Kb / 4P
Digital transistors (built-in resistors)
DTC143XM ROHM-DTC143XM Datasheet
878Kb / 3P
DTA/DTC SERIES
DTC143XM ROHM-DTC143XM Datasheet
148Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
Digital transistors (built-in resistors)
logo
Rohm
DTC143XM ROHM-DTC143XM Datasheet
1Mb / 11P
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTC143XM

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
NPN Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTC144EY3 CYSTEKEC-DTC144EY3_15 Datasheet
435Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTC144EC3 CYSTEKEC-DTC144EC3_15 Datasheet
424Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTC143ZN3 CYSTEKEC-DTC143ZN3_10 Datasheet
256Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
NPN Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com