Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z2V4CW Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MM3Z2V4CW
Description  200mW, SOD-323L Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM3Z2V4CW Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MM3Z2V4CW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM3Z2V4CW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MM3Z2V4CW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MM3Z2V4CW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
MM3ZxxxCW Series
200mW, SOD-323L
Surface Mount Zener Diodes
6-Jan-2012 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified, VF=1V Maximum@ IF=10mA)
Zener Voltage Range
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR@VR
Type Number
Marking
Min(V)
Nom(V)
Max(V)
mA
Ω
Ω
mA
μA
V
MM3Z43VCW
ZX
40.85
43
45.15
2
150
353
0.5
0.045
30.1
MM3Z47VCW
ZY
44.65
47
49.35
2
170
353
0.5
0.045
33
MM3Z51VCW
Z−
48.45
51
53.55
2
180
376
0.5
0.045
35.7
MM3Z56VCW
Z=
53.2
56
58.8
2
200
400
0.5
0.045
39.2
MM3Z62VCW
Z≡
58.9
62
65.1
2
215
423
0.5
0.045
43.4
MM3Z68VCW
Z>
64.6
68
71.4
2
240
447
0.5
0.045
47.6
MM3Z75VCW
Z<
71.25
75
78.75
2
255
470
0.5
0.045
52.5
Notes:
1. The zener voltage (VZ) is tested under pulse condition of 10mS.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
CHARACTERISTIC CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com