Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD248 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBD248
Description  Surface Mount Small Signal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBD248 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBD248 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBD248 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MMBD248/MMBD248A
MMBD248C/MMBD248S
Surface Mount Small Signal Switching Diode
20-Oct-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Fast switching speed
For general purpose switching applications
High conductance
MARKING
Part
Name
MMBD248
MMBD248A
MMBD248C
MMBD248S
Marking
5H
D6
D5
D4
Circuit
ABSOLUTE MAXIMUM RATINGS (Single Diode @ Ta = 25°C)
Parameter
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
100
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
200
mA
Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0s
IFSM
2.0
1.0
A
Power Dissipation
PD
350
mW
Thermal Resistance Junction to Ambient
RJA
357
℃
/ W
Storage Temperature
TSTG
150, -65 ~ 150
℃
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
V(BR)R1
100
-
V
IR = 100 µA
Reverse Breakdown Voltage
V(BR)R2
75
-
V
IR = 5 μA
Forward Voltage
VF
-
1
V
IF = 10 mA
IR1
-
5
µA
VR = 75 V
Reverse Current
IR2
-
25
nA
VR = 25 V
Capacitance between terminals
CT
-
4
pF
VR = 0 V, f = 1.0 MHz
Reverse Recovery Time
tRR
-
4
nS
IF = IR = 10mA, VR = 6V,
Irr = 0.1XIR, RL = 100Ω
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.80
2.00
L
0.89
1.02
F
0.30
0.50


Similar Part No. - MMBD248

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBD248 SECOS-MMBD248_15 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
More results

Similar Description - MMBD248

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV19TC SECOS-BAV19TC Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
BAV16WS SECOS-BAV16WS Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16H SECOS-BAS16H_15 Datasheet
100Kb / 2P
Surface Mount Small Signal Switching Diode
BAS116W SECOS-BAS116W_15 Datasheet
125Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19P SECOS-BAV19P_15 Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19TC SECOS-BAV19TC_15 Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100_15 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248_15 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16WS SECOS-BAS16WS Datasheet
234Kb / 2P
Surface Mount Small Signal Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com